| Electronic Components Datasheet Search |
|
AD9545 Datasheet(PDF) 81 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9545 Datasheet(HTML) 81 Page - Analog Devices |
|
81 / 157 page ![]() Data Sheet AD9545 Rev. A | Page 81 of 157 still program the Profile x.y buildout N-divider bit field to ensure proper operation of the DPLL loop filter. Program the Profile x.y buildout N-divider bit field as follows (refer to Figure 65): NBUILDOUT = round((2 × Q × R1 × fOUTx)/(M × fREFx1)) where: round() is a function to round the quantity in () to the nearest integer, assuming the quantity is within the range of the Profile x.y buildout N-divider bit field. Q is the Q divider. M is the M divider (see Figure 62). DPLL LOOP FILTER DPLL0 and DPLL1 make use of a digital IIR filter loop filter. The digital filter is analogous to the third-order analog filter shown in Figure 69, where input is on the left (from the phase detector) and output is on the right (to the VCO). C3 C2 C1 R2 R3 Figure 69. Third-Order Analog Loop Filter Whereas the response of an analog loop filter is a function of physical components subject to thermal drift and aging, the response of a digital loop is a function of numeric coefficients and is not subject to thermal drift and aging. Figure 70 is a block diagram showing the digital loop filters and their control elements. For completeness, Figure 70 shows the fast acquisition control block of the AD9545 as part of the loop filter control because the fast acquisition feature dynamically adjusts the loop bandwidth as part of the fast acquisition process (see the DPLL Fast Acquisition (FACQ) Options section). Generally, the response characteristics of a digital filter depend solely on the numeric coefficients. However, the DPLL loop filters are special in that they require additional input, namely, a bandwidth scale factor and the numeric value of the DPLL feedback divider (see the DPLL Feedback Divider (N-Divider) section for details). The DPLL automatically resets the internal state of the loop filter when the loop is not active (for example, entry into holdover or freerun mode). DIGITAL LOOP FILTER DPLL0 FROM DIGITAL PFD TO NCO LOOP FILTER COEFFICIENTS PROFILE 0.x LOOP FILTER BASE 0 1 FAST ACQ0 PHASE LOCK DETECT LOOP FILTER 0 COEFFICIENTS BW ADJ DIGITAL LOOP FILTER DPLL1 FROM DIGITAL PFD TO NCO LOOP FILTER COEFFICIENTS 0 1 PHASE LOCK DETECT TEXT = BIT(S) IN THE REGISTER MAP LOOP FILTER 1 COEFFICIENTS LF0 LF1 PROFILE 0.x BUILDOUT N-DIVIDER PROFILE 0.x LOOP BANDWIDTH PROFILE 1.x LOOP FILTER BASE BW ADJ PROFILE 1.x LOOP BANDWIDTH x = TRANSLATION PROFILE (0 TO 5) BW BW FAST ACQ 1 PROFILE 1.x BUILDOUT N-DIVIDER Figure 70. Digital Loop Filter Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |