Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9545 Datasheet HTML 31Page - Analog Devices AD9545 Datasheet HTML 32Page - Analog Devices AD9545 Datasheet HTML 33Page - Analog Devices AD9545 Datasheet HTML 34Page - Analog Devices AD9545 Datasheet HTML 35Page - Analog Devices AD9545 Datasheet HTML 36Page - Analog Devices AD9545 Datasheet HTML 37Page - Analog Devices AD9545 Datasheet HTML 38Page - Analog Devices AD9545 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 35 of 157
AD9545
I
I
PLLx
QXY
QXYY
ISINK MODE
OUTxyP
OUTxyN
1.8V
56.2Ω 453Ω
56.2Ω 453Ω
Figure 36. 2.5 V LVPECL or Double Amplitude LVDS-Compatible Boost
Output, 1.5 V p-p, 1.24 V Common-Mode (I = 15 mA)
AD9545
I
I
PLLx
QXY
QXYY
ISOURCE MODE
OUTxyP
OUTxyN
+1.8V
IN PHASE
OUTPUTS
RL
RL
Figure 37. Single-Divider, Single-Ended Mode Providing In-Phase Outputs
(Current Source Mode)
AD9545
I
I
PLLx
QXY
QXYY
ISINK MODE
OUTxyP
OUTxyN
+1.8V
IN PHASE
OUTPUTS
RL
RL
Figure 38. Single-Divider, Single-Ended Mode Providing In-Phase Outputs
(Current Sink Mode)
AD9545
I
I
PLLx
QXY
QXYY
ISOURCE MODE
OUTxyP
OUTxyN
+1.8V
INDEPENDENT
OUTPUTS
RL
RL
Figure 39. Dual-Divider, Single-Ended Mode Providing Independent Outputs
(Current Source Mode)
AD9545
I
I
PLLx
QXY
QXYY
ISINK MODE
DUAL-DIVIDER, SINGLE-ENDED MODE (CURRENT SINK)
OUTxyP
OUTxyN
+1.8V
INDEPENDENT
OUTPUTS
RL
RL
Figure 40. Dual-Divider, Single-Ended Mode Providing Independent Outputs
(Current Sink Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com