Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9545 Datasheet HTML 34Page - Analog Devices AD9545 Datasheet HTML 35Page - Analog Devices AD9545 Datasheet HTML 36Page - Analog Devices AD9545 Datasheet HTML 37Page - Analog Devices AD9545 Datasheet HTML 38Page - Analog Devices AD9545 Datasheet HTML 39Page - Analog Devices AD9545 Datasheet HTML 40Page - Analog Devices AD9545 Datasheet HTML 41Page - Analog Devices AD9545 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 38 of 157
SYSTEM CLOCK STABILITY COMPENSATION
An application requiring low DPLL loop bandwidth necessitates
the use of a very stable system clock source. Using a relatively
unstable system clock source like a crystal resonator or crystal
oscillator, for example, in conjunction with the DPLL having a
very narrow loop bandwidth (below approximately 50 Hz) may
cause the DPLL to unlock or experience intermittent unlock
events. The classic solution requires the use of a very stable
system clock source (an OCXO, for example). An alternate
solution uses the integrated system clock compensation of the
AD9545, which enables the use of a crystal resonator as the
system clock source. The basic concept is the connection of a
crystal resonator (25 MHz to 60 MHz) to the XOA and XOB
pins per Figure 23, which capitalizes on the exceptional phase
noise performance of the crystal.
However, the crystal resonator lacks the desired stability. Instead,
the stability arises via the connection of a highly stable source
(for example, TCXO, OCXO, and GPS) to an unused REFx or
Mx input.
The stable source is the reference input to one of the DPLL
channels, which enables the internal timing system in the
AD9545 to benefit from both the stability of the highly stable
source and the exceptional phase noise performance of the
crystal resonator. This combination enables the AD9545 to
apply system clock compensation to the second DPLL channel,
thereby allowing that channel to use the low loop bandwidth
required by the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com