Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9545 Datasheet HTML 39Page - Analog Devices AD9545 Datasheet HTML 40Page - Analog Devices AD9545 Datasheet HTML 41Page - Analog Devices AD9545 Datasheet HTML 42Page - Analog Devices AD9545 Datasheet HTML 43Page - Analog Devices AD9545 Datasheet HTML 44Page - Analog Devices AD9545 Datasheet HTML 45Page - Analog Devices AD9545 Datasheet HTML 46Page - Analog Devices AD9545 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 43 of 157
REFERENCE MONITOR STATE MACHINE
The REFA monitor, shown in Figure 43, is essentially a state
machine. Therefore, each REFx input (where x is A, AA, B, or
BB) has a dedicated state machine. The state machine uses
certain input parameters (see the Reference Monitor Controls
section) for performing calculations and comparisons.
The state machine operates directly on TDC time stamps,
which occur with each rising edge from the output of the R-
divider. As such, the state machine effectively operates on the
input reference period scaled up by the division factor
associated with the R-divider.
Because the ΔTOL input parameter (see Figure 43) is a
proportional value rather than an absolute offset, the state
machine can determine in or out of tolerance without direct
knowledge of the value of the R-divider. Instead, the state
machine continually observes the difference between successive
time stamps and compares the statistics of those observations
against ΔTOL to determine if the reference is fast, slow, absent,
or exhibits excessive jitter.
REFERENCE MONITOR CONTROLS
The reference monitor requires certain advance information to
function properly. The user provides this information by
programming the appropriate parameters as follows.
REFx Nominal Period (tREF)
Each reference input has a dedicated bit field for specifying
tREF: the unsigned 60-bit REFx nominal period bit field (where
x is A, AA, B, or BB) in Register 0x0404 to Register 0x040B,
Register 0x0424 to Register 0x042B, Register 0x0444 to
Register 0x044B, and Register 0x0464 to Register 0x046B.
tREF constitutes the nominal period of the associated input
reference and represents time in units of atto-seconds (10−18 sec)
with an upper limit of about 1 sec.
For example, the REFAA input has a nominal 2.048 MHz input
signal. The corresponding period is 1/(2.048 × 106) sec, which,
when multiplied by 1018, yields 488,281,250,000 attoseconds.
Program Register 0x0424 to Register 0x042B with the 60-bit
value corresponding to 488,281,250,000 attoseconds (0x 71).
REFx Offset Limit (∆TOL)
Each reference input has a dedicated unsigned 24-bit REFx
offset limit bit field (where x is A, AA, B, or BB) in Register 0x040C
to Register 0x040E, Register 0x042C to Register 0x042E,
Register 0x044C to Register 0x044E, and Register 0x046C to
Register 0x046E to specify ΔTOL. ΔTOL constitutes a fractional
portion of the corresponding tREF value and is the maximum
relative deviation the reference monitor uses for declaring a
nonfaulted reference as out of tolerance. The 24-bit number
represents fractional units of parts per billion (ppb) up to a
maximum of approximately 17 million ppb (1.7%).
Because ΔTOL is a fractional period (δp), it relates to fractional
frequency (δf) as follows:
δp = −δf/(1 + δf)
(1)
For example, consider the case where the expected maximum
relative deviation of the input reference frequency for REFAA is
2 × 10−6 (2 ppm). That is, δf = 2 × 10−6.
From Equation 1, δt = −1.999996 × 10−6, or −1.999996 ppm, or
−1999.996 ppb. Because ΔTOL is an unsigned number with
integer units of ppb, ΔTOL = 2000. Therefore, program Register
0x042C to Register 0x042E with the 24-bit value corresponding
to 2000 (0x0007D0 hexadecimal).
REFx Monitor Hysteresis (∆HYS)
Each reference input has a dedicated 3-bit REFx monitor
hysteresis bit field (where x is A, AA, B, or BB) in Bits[D2:D0]
of Register 0x040F, Register 0x042F, Register 0x044F, and
Register 0x046F. ΔHYS constitutes a scale factor per Table 29.
Table 29. Hysteresis Selection Table
REFx Monitor Hysteresis Bit Field Value
Scale Factor (SF)
0
0
1
0.03125
2
0.0625
3
0.125
4
0.25
5
0.5
6
0.75
7
0.875
The selected SF defines ΔHYS as a fractional portion of the
value of ΔTOL. That is, ΔHYS is always less than or equal to
ΔTOL.
ΔHYS = ΔTOL × (1 − SF)
Given ΔTOL = 2,000 ppb and the selected SF value is 0.0625,
determine the value of ΔHYS.
ΔHYS = 2,000 × (1 − 0.0625) ppb = 1875 ppb
ΔHYS applies to a faulted reference, whereas ΔTOL applies to a
nonfaulted reference. The reference monitor uses tREF, ΔTOL,
and ΔHYS to make fault and unfault decisions with regard to a
reference input, as shown in Figure 44.
tREF
TIME
MINIMUM DEVIATION FROM
tREF FOR AN
UNFAULTED REFERENCE TO BECOME FAULTED
MAXIMUM DEVIATION FROM
tREF FOR A
FAULTED REFERENCE TO BECOME UNFAULTED
Figure 44. Reference Monitor Fault and Unfault Parameters
REFx Jitter Tolerance (JTOL)
Each reference input has a dedicated bit field to specify JTOL: the
unsigned 16-bit REFx jitter tolerance bit field (where x is A, AA,
B, or BB) in Register 0x0413 to Register 0x0414, Register 0x0433 to
Register 0x0434, Register 0x0453 to Register 0x0454, and
Register 0x0473 to Register 0x0474. JTOL represents time in units
of nanoseconds (10−9 sec) up to a maximum of approximately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com