Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9545 Datasheet HTML 8Page - Analog Devices AD9545 Datasheet HTML 9Page - Analog Devices AD9545 Datasheet HTML 10Page - Analog Devices AD9545 Datasheet HTML 11Page - Analog Devices AD9545 Datasheet HTML 12Page - Analog Devices AD9545 Datasheet HTML 13Page - Analog Devices AD9545 Datasheet HTML 14Page - Analog Devices AD9545 Datasheet HTML 15Page - Analog Devices AD9545 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 12 of 157
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
1.2 V and 1.8 V CMOS
Input Voltage
High, VIH
0.65 × VREF
1.15 × VREF
V
VREF is determined by operating mode of the CMOS input
receiver, 1.2 V or 1.8 V
Low, VIL
0.35 × VREF
V
Input Resistance
DC-Coupled Single-
Ended Mode
30
kΩ
AC-Coupled Single-
Ended Mode
15
kΩ
Input Pulse Width
900
ps
REFERENCE
DEMODULATOR
Carrier Frequency
(Sync Edge = 1, 2, 3)
Band 0
DC Balanced
Modulation
0.5
30
MHz
Unbalanced
Modulation
0.5
45
MHz
Band 1
DC Balanced
Modulation
1
90
MHz
Unbalanced
Modulation
1
135
MHz
Embedded Clock Rate
1
fOUT/6
Hz
fOUT is the nominal output frequency of the output with the
embedded clock
Duty Cycle Deviation
tSYS = 1/(fSYS); where fSYS is the system clock frequency. fSYS must
be in the range of 2250 MHz to 2415 MHz. fSYS = fOSC × K/J,
where fOSC is the frequency of the system clock oscillator
connected to the XOA/XOB pins, K is the feedback divider
ratio, and J is the SYSCLK input scale factor. When the SYSCLK
doubler is disable, J is the value of the J-divider (1, 2, 4, or 8).
When the SYSCLK doubler is enabled, J = 1/2.
DC Balanced
Modulation
tSYS × 5/3
1/(4 × fOUT)
sec
fOUT is the output frequency
Unbalanced
Modulation
tSYS × 5/2
1/(4 × fOUT)
sec
Polarity Detection
Enabled
tSYS × 5
1/(4 × fOUT)
sec
REFERENCE MONITORS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE MONITORS
Reference Monitor
Loss of Reference
Detection Time
4.9 + 0.13 × tPFD
µs
tPFD is the nominal phase detector period, R/fREF, where
R is the frequency division factor determined by the R
divider, and fREF is the frequency of the active reference
in MHz.
Frequency Out of
Range Limits
5 × 10−8
0.015
Δf/fREF
fREF is the reference input frequency and Δf is the
frequency deviation relative to fREF; programmable with
the lower bound subject to quality of the system clock
(or the source of system clock compensation)
Validation Timer
0.001
1048
sec
Programmable in 1 ms increments
Excess Jitter Alarm Threshold
1
65535
ns
Programmable in 1 ns increments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com