Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9545 Datasheet HTML 55Page - Analog Devices AD9545 Datasheet HTML 56Page - Analog Devices AD9545 Datasheet HTML 57Page - Analog Devices AD9545 Datasheet HTML 58Page - Analog Devices AD9545 Datasheet HTML 59Page - Analog Devices AD9545 Datasheet HTML 60Page - Analog Devices AD9545 Datasheet HTML 61Page - Analog Devices AD9545 Datasheet HTML 62Page - Analog Devices AD9545 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 59 of 157
DISTRIBUTION N-SHOT/PRBS OUTPUT CLOCKING
N-SHOT/PRBS CLOCKING OVERVIEW
The Q dividers work in conjunction with several controllers, one of
which is the N-shot/pseudorandom binary sequence (PRBS)
controller (see Figure 47). The N-shot/PRBS controller provides
the AD9545 with the capability of generating system reference
(SYSREF) and device clock (DEVCLK) clocks per the JESD204B
standard as well as gapped and pseudorandom clock signals.
A block diagram of the N-shot/PRBS clock controller appears in
Figure 48, which includes a more detailed representation of the
relationship between the Q dividers, the modulation controller
and the N-shot/PRBS controller.
In the text that follows, Qxy denotes a particular Q divider,
whereas Qxy denotes its output (where x is 0 and y is A, AA, B,
BB, C, or CC). For example, Q0A is the output of Q divider, Q0A.
Although Figure 48 is specific to PLL Channel 0, it is also
representative of PLL Channel 1, because there are dedicated
controllers for each PLL channel.
Note that the Q0AA, Q0BB, and Q0CC outputs route directly to the
N-shot/PRBS controller, whereas Q0A, Q0B, and Q0C route
through the modulation controller. As such, the Q0A, Q0B, and
Q0C outputs are the only ones subject to modulation (see the
Distribution Embedded Output Clock Modulation section).
However, disabled (default) modulation channels have an
internal bypass allowing the Q0A, Q0B, and Q0C outputs to pass
directly through the modulation controller.
AA
Q0A
Q0AA
FROM
SYSTEM
CLOCK
FROM
PLL0
Q-DIVIDER PAIR
N-SHOT/PRBS CONTROLLER
TRIGGER
N
GAP
OUT
PRBS GENERATOR A
N-SHOT
N-SHOT GAP
N-SHOT/PRBS
GENERATOR A
N-SHOT
REQUEST
CHANNEL X
ENABLE N-SHOT RETIME
ENABLE
SYSCLK
Q0A
TO
OUTPUT
DRIVERS
N-SHOT
GENERATOR A
MODE
N-SHOT REQUEST MODE
0
1
Q-DIVIDER PAIR
Q0B
Q0BB
Q-DIVIDER PAIR
Q0C
Q0CC
INA
OUT0AP
INB
INC
MODULATION
CONTROLLER
SIGA
SIGAA
SIGB
SIGBB
SIGC
SIGCC
TRIGGER
MODE
SIGA
INTERNAL/EXTERNAL ZERO DELAY FEEDBACK PATH
FDBK CLOCK
TO
DPLL0
N-DIVIDER
PROFILE x.y TAG MODE
5
SIGA
SIGB
SIGC
SIGAA
SIGCC
SIGBB
SYNC
SIGA
SIGB
SIGC
TEXT
= BIT(S) IN THE REGISTER MAP
N-SHOT
RETIME
N-SHOT
RETIMING
MUX
N-SHOT
REQUEST
OUT0AN
HITLESS/ZERO DELAY
FEEDBACK
AND SYNC
3
SIGB
SIGAA
B
SIGC
SIGBB
SIGCC
TRIGGER
MODE
GAP
N
SNCA
SNCB
SNCC
SNCA
SNCB
SNCC
TRIGGER
MODE
SIGA
SIGB
SIGC
SIGAA
SIGCC
SIGBB
SNCA
SNCB
SNCC
CC
BB
C
OUT0BP
OUT0BN
OUT0CP
OUT0CN
Figure 48. Block Diagram of JESD204B/Gapped Clock Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com