Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 57 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9545 Datasheet HTML 53Page - Analog Devices AD9545 Datasheet HTML 54Page - Analog Devices AD9545 Datasheet HTML 55Page - Analog Devices AD9545 Datasheet HTML 56Page - Analog Devices AD9545 Datasheet HTML 57Page - Analog Devices AD9545 Datasheet HTML 58Page - Analog Devices AD9545 Datasheet HTML 59Page - Analog Devices AD9545 Datasheet HTML 60Page - Analog Devices AD9545 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 57 of 157
The user can access the phase slew active results via an
appropriately configured Mx status pin (see the Status and
Control Pins section). The Mx pin output signal constitutes a
logical OR of the DPLLx phase slew active bits on a per channel
basis. That is, the logical OR of the six DPLL0 phase slew active
bits associated with Channel 0 or the logical OR of the four
DPLL1 phase slew active bits associated with Channel 1.
Maximum Phase Slew Step Size
During the execution of a subsequent phase offset, the user
controls the maximum step size of the phase steps via the 3-bit
unsigned maximum phase slew step bit field in Bits[D2:D0] of
Register 0x1108, Register 0x1111, Register 0x111A, Register
0x1123, Register 0x112C, Register 0x1135, Register 0x1508,
Register 0x1511, Register 0x151A, and Register 0x1523. Each
Q divider has a dedicated maximum phase slew step bit field
that establishes the maximum phase step size per Table 35 (in
which E is number of Q divider input edges per output period
(see the Initial Phase Offset section) and floor(x) means to
round x to the nearest integer in the direction of −∞). Keep in
mind that Table 35 defines a maximum phase step size during
phase slewing, but the controller may use smaller values to
ensure the terminal phase value does not exceed the value
defined by the Qxy phase bit field.
When maximum phase slew step = 7, the phase controller requires
only one step to reach the desired phase offset regardless of the
size of the phase offset. Therefore, it effectively deactivates the
phase slewing feature. When maximum phase slew step = 7, the
phase controller behaves as though the Qxy phase slew mode
bit is Logic 0 (that is, lag only) even if the Qxy phase slew mode
bit is Logic 1 (see the Phase Slew Mode section).
When maximum phase slew step = 0 or 1, the slewing operation
is limited to half-cycles or full cycles, respectively, of the input
clock. Because this bit setting represents a small maximum
phase step for most Q divider divide ratios, most choices of Qxy
phase incurs phase slewing as though maximum phase slew
step equals 0 or 1.
Table 35. Maximum Phase Slew Step Size
Maximum
Phase Slew
Step Bit Field
Value
Maximum Phase
Step Size (Degrees)
Comment
0
360 ÷ E
One input half-cycle
1
180 ÷ E
Two input half-cycles
2
360 × floor(E/32)/E
~11.25°
3
360 × floor(E/16)/E
~22.5°
4
360 × floor(E/8)/E
~45°
5
360 × floor(E/4)/E
~90°
6
360 × floor(E/2)/E
~180°
7 (default)
360 × (E − 1)/E
~360°
Maximum phase slew step values greater than 1 require the user
to ensure that the maximum phase step size is greater than or equal
to one input half-cycle. Otherwise, the phase slewing function is
invalid and the device flags an error (via the aforementioned
Channel x phase control error bit). For example, when QN = 5
(that is, E = 10 (see the Initial Phase Offset section)), one half-
cycle constitutes 36°. As such, maximum phase slew step values
of 2 or 3 are invalid and the controller sets the DPLLx phase
control error bit.
Phase Slew Mode
During the execution of a subsequent phase offset, the phase
controller can slew phase in two different modes. The user
selects the mode via the Qxy phase slew mode bits (where x is 0
or 1 and y is A, AA, B, BB, C, or CC) in Bit D3 of Register 0x1108,
Register 0x1111, Register 0x111A, Register 0x1123, Register
0x112C, Register 0x1135, Register 0x1508, Register 0x1511,
Register 0x151A, and Register 0x1523.
When Qxy phase slew mode is Logic 0 (default), the phase
controller slews phase in the direction that reduces the output
frequency during the stepwise phase adjustment sequence.
Alternatively, when Qxy phase slew mode is Logic 1, the phase
controller slews phase in the direction requiring the fewest
number of steps. An exception is when enable Qxy half divide =
1 and the desired phase shift is within one Q divider input half-
cycle of the midpoint of an output cycle. In this case, the phase
controller may choose the slightly longer direction. When Qxy
phase slew mode = 1, the output frequency may change in
either direction, as required, for any given stepwise phase
adjustment sequence (due to the phase controller choosing the
direction of the fewest number of steps).
Output Pulse Width Control
By default, the Q divider output generates a clock signal with a
50% pulse width. However, the user has the option to control
the pulse width of the Q divider output. The control granularity
is one half-cycle of the input clock of the Q divider. Pulse width
control is via the enable Qxy pulse width control bit (where x is 0 or
1 and y is A, AA, B, BB, C, or CC) in Bit D4 of Register 0x1108,
0x1111, Register 0x111A, Register 0x1123, Register 0x112C,
Register 0x1135, Register 0x1508, Register 0x1511, Register
0x151A, and Register 0x1523.
To set the pulse width, program the desired pulse width via the
Qxy phase bit field and set the corresponding enable Qxy pulse
width control bit to Logic 1. Then, assert the IO_UPDATE bit.
When enable Qxy pulse width control = 1, the phase controller
interprets the Qxy phase bit field as a pulse width value rather
than a phase offset value.
The Qxy phase bit field relates to the pulse width as follows:
Pulse width (%) = 100 × Qxy phase/E
(2)
where:
Pulse width defines the portion of an output clock cycle from
the rising edge to the falling edge.
E is as defined in the Initial Phase Offset section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com