Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 53 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9545 Datasheet HTML 49Page - Analog Devices AD9545 Datasheet HTML 50Page - Analog Devices AD9545 Datasheet HTML 51Page - Analog Devices AD9545 Datasheet HTML 52Page - Analog Devices AD9545 Datasheet HTML 53Page - Analog Devices AD9545 Datasheet HTML 54Page - Analog Devices AD9545 Datasheet HTML 55Page - Analog Devices AD9545 Datasheet HTML 56Page - Analog Devices AD9545 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 53 of 157
DISTRIBUTION DIVIDERS (Q DIVIDERS)
DISTRIBUTION DIVIDERS OVERVIEW
There are five pairs of Q dividers corresponding to the five pairs
of clock output drivers (see the Distribution Clock Output
Drivers section). Unlike typical clock dividers, which count the
rising edge (or falling edge) of its input clock, the Q dividers
count both the rising and falling edges of its input clock. Dual-
edge counting enables features not possible with a typical
counter.
The Q dividers respond to several controllers, which implement
the various features of the Q dividers. Figure 47 shows a
diagram of the Q dividers and associated controllers. Although
not explicitly shown, the output of each Q divider routes to its
corresponding output driver.
Each Q divider has independent phase offset (delay) capability
as governed by a phase offset controller (see the Distribution
Phase Offset Control section). In addition, a sophisticated and
flexible synchronization mechanism provides synchronized
output clock timing for any or all Q divider output signals (see
the Distribution Output Clock Synchronization section). A
JESD204B and burst controller enables each Q divider to
generate a clock signal supporting JESD204B or to generate
flexible burst patterns supporting gapped clock and similar
applications (see the Distribution N-Shot/PRBS Output
Clocking section).
Furthermore, the Qxy divider of each Q divider pair is capable
of modulating the location of the falling edges of the output
clock signal. The modulation of the clock edge location
supports embedded clock applications such as transporting a
lower frequency clock signal over a higher frequency carrier
clock (see the Distribution Embedded Output Clock
Modulation section).
At power-up, the synchronization controller holds the disabled
Q dividers (that is, there are no output clocks). Consequently,
the user must issue a sync request (see the Distribution Output
Clock Synchronization section following a power-up or reset to
initialize the Q dividers.
Q DIVIDER CLOCK SOURCE SELECTION
Each pair of Q dividers shares a common clock input (see
Figure 47) that originate from one of two sources:
•
From the output of the associated APLL channel of the
Q divider.
•
From the system clock divided by three (~800 MHz).
The first source is the normal (default) operating mode, which
provides frequency translation from a reference input to the
distribution output via the corresponding PLL channel. The
second source is the output frequency of the system clock PLL
divided by three, which is useful for clocking certain peripheral
devices (a microprocessor, for example). In this scenario, the
user can employ an optional external EEPROM to download a
device configuration that provides an output clock signal at
power up via the system clock source path (see the EEPROM
Usage section).
The enable SYSCLK Qxy bits (where x is 0 or 1 and y is A, B, or
C) in Bits[D3:D1] of Register 0x10DA and Register 0x14DA
select the Q divider clock source for each Q divider pair. Logic 0
(default) selects the output of the corresponding APLL as the
Q divider clock source, whereas Logic 1 selects the output of the
system clock PLL as the Q divider clock source.
When the AD9545 is configured with the system clock as the
clock source for a Q divider pair, use the enable SYSCLK sync
mask bit in Bit D0 of Register 0x10DA and Register 0x14DA to
prevent those particular dividers from being resynchronized
every time a sync trigger occurs (see the Distribution Output
Clock Synchronization section). When this bit is set, any of the
Q dividers associated with a particular PLL channel and having
the system clock as their clock source are immune to
synchronization events. This feature is particularly useful for
outputs that serve as the clock source to a microprocessor, for
example, because an unmasked synchronization event disrupts
the clock signal of the processor.
In some applications, when more than one Q divider pair uses
the system clock as its clock source, it may be desirable to
synchronize at least two of those Q divider pairs. To do so,
initiate a synchronization sequence (see the Distribution
Output Clock Synchronization section), then assert the enable
SYSCLK sync mask bit. To reconfigure the affected Q dividers
by changing the divide ratio, for example, the user must first
clear the enable SYSCLK sync mask bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com