Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 54 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9545 Datasheet HTML 50Page - Analog Devices AD9545 Datasheet HTML 51Page - Analog Devices AD9545 Datasheet HTML 52Page - Analog Devices AD9545 Datasheet HTML 53Page - Analog Devices AD9545 Datasheet HTML 54Page - Analog Devices AD9545 Datasheet HTML 55Page - Analog Devices AD9545 Datasheet HTML 56Page - Analog Devices AD9545 Datasheet HTML 57Page - Analog Devices AD9545 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 54 of 157
MODULATION
QXY
SYNC
QXYY
SYSTEM
CLOCK
PLL0/PLL1
P-DIVIDER
Q-DIVIDER PAIR 1
Q-DIVIDER PAIR 5
TO
OUTPUT
DRIVERS
N-SHOT/PRBS
CONTROLLER
PHASE OFFSET
CONTROLLER
SYNCHRONIZATION
CONTROLLER
10
4
5
10
TO Q-DIVIDER PAIRS 2 TO 5
MODULATION
CONTROLLER
8
10
8
8
2
2
2
N-SHOT/PRBS
N-SHOT/PRBS
PHASE OFFSET
PHASE OFFSET
SYNC
Figure 47. Functional Block Diagram of Q Dividers and Controllers
INTEGER DIVISION
The Q divider divide ratio (Q) depends on the 32-bit unsigned
Qxy divider ratio bit fields (where x is the channel (0 or 1) and y
is the Q divider (A, AA, B, BB, C, or CC)) in registers starting
with Address 0x1100, Address 0x1109, Address 0x1112,
Address 0x111B, Address 0x1124, Address 0x112D, Address
0x1500, Address 0x1509, Address 0x1512, and Address 0x151B.
There are 10 occurrences of this bit field, one for each Q divider.
To program the divide ratio, write the value of Q into the
corresponding Qxy divider ratio bit field and then set the
IO_UPDATE bit. The range of the Q divider is 1 to
4,294,967,295.
For example, for a desired divide ratio of Q = 1,000,000. The
required bit field value is 1,000,000 (0x000F4240 hexadecimal).
A value of 0 (default) sets a divide ratio of 1, which is an
unsupported divide ratio. Therefore, at power-up or after
resetting the device, the user must program the Qxy divider
ratio bit fields with values greater than 1 to enable the
corresponding Q dividers.
Although it is possible to program a different divide ratio for
each Q divider of a Q divider pair, the recommendation is to
avoid doing so because a Q divider pair with differing divide
ratios results in two different output frequencies and can cause
cross coupling issues (due to the close physical proximity of the
corresponding output drivers). The intent is for Q divider pairs
to operate with the same output frequency but with the option
to control the relative phase between the outputs (see the
Distribution Phase Offset Control section).
HALF INTEGER DIVISION
The Q dividers are unique in that they support half integer
division, a benefit of the Q dividers counting both the rising
and falling edges of the input clock. To enable half integer
division for the corresponding Q divider, use the enable Qxy
half divide bit (where x is the 0 or 1 and y is the A, AA, B, BB, C,
or CC).
The enable Qxy half divide bit resides in Bit D5 of
Register 0x1108, Register 0x1111, Register 0x111A,
Register 0x1123, Register 0x112C, Register 0x1135,
Register 0x1508, Register 0x1511, Register 0x151A, and
Register 0x1523.
When the enable Qxy half divide bit is Logic 1, it effectively
adds an extra 0.5 to the divide ratio prescribed by the
corresponding 32-bit Qxy divider ratio bit field. The value of
the enable Qxy half divide bit does not become effective until
the user sets the IO_UPDATE bit.
For example, assume the Qxy divider ratio bit field equals 100.
If the associated enable Qxy half divide bit is Logic 1, the total
divide ratio is 100.5.
Q DIVIDER RESET
Each Q divider has a dedicated reset bit, reset Qxy (where x is 0
or 1 and y is A, AA, B, BB, C, or CC in D1 of Register 0x2102 to
Register 0x2104 and Register 0x2202 to Register 0x2203. The
reset Qxy bits allow the user to reset the Q dividers manually in
applications that do not require output clock synchronization.
In most cases, however, there is no need to set these bits during
normal operation because the synchronization controller
automatically handles the Q divider reset function (see the
Distribution Output Clock Synchronization section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com