Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 78 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9545 Datasheet HTML 74Page - Analog Devices AD9545 Datasheet HTML 75Page - Analog Devices AD9545 Datasheet HTML 76Page - Analog Devices AD9545 Datasheet HTML 77Page - Analog Devices AD9545 Datasheet HTML 78Page - Analog Devices AD9545 Datasheet HTML 79Page - Analog Devices AD9545 Datasheet HTML 80Page - Analog Devices AD9545 Datasheet HTML 81Page - Analog Devices AD9545 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 78 of 157
DPLL. The feedback path persistance provides some time for
the DPLL to compare the new reference signal to the old one.
As shown in Figure 67, the reference likely exhibits jitter. The
presence of jitter implies uncertainty in the measured time
offset between the feedback and reference signals. This
uncertainty, in turn, leads to a potential error in the
determination of the correct phase buildout value in the DPLL.
To help mitigate jitter induced errors in the assessment of the
phase buildout value, the AD9545 provides a phase skew
refinement feature. To enable the phase skew refinement
feature, program a non-zero value into the 8-bit unsigned
Profile x phase skew refinement steps bit field (where x is 0
to 7) in Register 0x0811, Register 0x0831, Register 0x0851,
Register 0x0871, Register 0x0891, Register 0x08B1,
Register 0x08D1, and Register 0x08F1.
The default value is zero, which disables the skew refinement
function. With the skew refinement function disabled, the
phase buildout value is a unfiltered snapshot of the reference
and feedback time offset at a single sampled edge, which
includes the contribution of any jitter present on the reference
signal.
Programming a nonzero value, K, sets the number of phase
samples the AD9545 analyzes as part of the skew refinement
process. That is, instead of taking the first phase sample (jitter
included) as the phase buildout value, the skew refinement
feature processes the first K phase samples to assess the
reference jitter and to determine the phase buildout value. As
such, the skew refinement feature extends the time required to
determine a phase buildout value following a reference
switchover, but results in the application of a more robust phase
buildout value.
The skew refinement process operates under the assumption
that the feedback and reference clocks are of the same
frequency, or at least very close. If not, the frequency offset
appears as a linear phase slew, which quickly becomes the
dominant phase contributor and masks out any jitter that may
be present on the reference signal. Therefore, a reference
switchover between references of dissimilar frequency results in
degraded performance of the skew refinement feature.
REFERENCE JITTER
FEEDBACK
SIGNAL
REFERENCE
SIGNAL
SUPPRESSED
JITTER
NOMINAL TIME OFFSET BETWEEN OLD REFERENC SIGNAL FEEDBACK AND NEW REFERENCE SIGNAL
THE OLD REFERENCE SIGNAL TEMPORARILY PERSISTS IN THE FEEDBACK SIGNAL
REFERENCE
SWITCHOVER
UNCERTAINTY
Figure 67. DPLL Reference and Feedback Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com