Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9545 Datasheet HTML 70Page - Analog Devices AD9545 Datasheet HTML 71Page - Analog Devices AD9545 Datasheet HTML 72Page - Analog Devices AD9545 Datasheet HTML 73Page - Analog Devices AD9545 Datasheet HTML 74Page - Analog Devices AD9545 Datasheet HTML 75Page - Analog Devices AD9545 Datasheet HTML 76Page - Analog Devices AD9545 Datasheet HTML 77Page - Analog Devices AD9545 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 74 of 157
The internal/external zero delay feedback path bit field value
relates to the Q divider output per the internal zero delay
column in Table 40. With DPLL N-divider set for integer only
(that is, no fractional component—a requirement for zero delay
operation), the internal zero delay configuration ensures no
phase offset between the reference TDC and the output of the
user-selected Q divider.
Table 40. Zero Delay Feedback Path Selection
Internal/
External Zero
Delay Feedback
Path Value
DPLL
Internal Zero
Delay
External Zero
Delay
0
0
OUT0AP
REFA
0
1
OUT0AP
REFA
1
0
OUT0AN
REFAA
1
1
OUT0AN
REFAA
2
0
OUT0BP
REFB
2
1
OUT0BP
REFB
3
0
OUT0BN
REFBB
3
1
OUT0BN
REFBB
4
0
OUT0CP
Not applicable
4
1
Not applicable
Not applicable
5
0
OUT0CC
Not applicable
5
1
Not applicable
Not applicable
6 to 31
n/a
Not applicable
Not applicable
The frequency translation factor for internal zero delay mode is
R
N
f
f
REFx
OUTx
To provide true hitless operation, internal zero delay mode
requires a constraint on the relationship between fREFx and fOUTx.
Namely, fOUTx/fREFx must be an integer greater than or equal to 1.
The NCO, VCO, TDCs, and the APLL PFD inputs each have
specific frequency limits. The following formulas relate fNCO,
fVCO, fTDC and fPFD to fREFx, fOUTx, and divider values. Note that
each formula has two solutions: one with respect to the input
frequency (fREFx) and the other with respect to the output
frequency (fOUTx). The user must ensure that fNCO, fVCO, fTDC, and
fPFD are within their specified frequency bounds.
fTDC = fREFx/R
= fOUTx/N
(8)
fNCO = fPFD = (2 × Q/M) × fOUTx
= ((2 × Q × N)/(R × M)) × fREFx
(9)
fVCO = 2 × Q × fOUTx
= (2 × Q × N/R) × fREFx
(10)
When the reference source is auxiliary NCO 0, auxiliary NCO 1,
or the feedback from the other DPLL, then in Equation 8
through Equation 10, use R = 1.
The DPLL provides the user with two status bits to indicate
when the DPLL transitions to or from hitless operation. The
DPLLx hitless entered bit (where x is 0 or 1) latches to Logic 1
when the DPLL enters hitless operating mode. The DPLLx
hitless exited bit (where x is 0 or 1) latches to Logic 1 when the
DPLL exits hitless operating mode. These bits reside in
Bits[D4:D3] of Register 0x3011 and Register 0x3016. Because
these are latched bits, the user must clear them via the IRQ map
DPLLx clear registers (Bits[D4:D3] of Register 0x200C and
Register 0x2011) to obtain visibility of subsequent state
transitions into and out of hitless operation.
Caveat to Internal Zero Delay Operation
Although the digital phase detector associated with the DPLL
can typically handle input frequencies as low as 1 Hz, the
internal zero delay mode imposes a lower boundary of 2 kHz on
the feedback input to the digital phase detector. The 2 kHz
lower bound applies only to the feedback input of the digital
phase detector, not to its reference input.
For internal zero delay operation in which the reference input
to the digital phase detector is less than 2 kHz, the user must
program the DPLL to use tagged feedback operation (see the
Time Stamp Tagging Options section in the Digital PLL (DPLL)
section). That is, for internal zero delay operation, the device
supports tagged feedback rates as low as 1 Hz whenthe
untagged feedback rate is greater than 2 kHz and fOUTx ≤ fNCO.
EXTERNAL ZERO DELAY (HITLESS) MODE
The external zero delay configuration appears in Figure 65.
External zero delay mode, like internal zero delay mode, is a
hitless operating mode (see the Internal Zero Delay (Hitless)
Mode section). As such, the same enter/exit hitless status bits
apply.
In external zero delay mode, the feedback path of the PLL is via
an external connection from an appropriate OUTx output to a
REFx input. The REFx input selection is via the 5-bit unsigned
internal/external zero delay feedback path bit field (per the
external zero delay column in Table 40). Typically, this feedback
path is merely a direct connection, but the external path may
also include an additional frequency translation component. To
discriminate between the normal and feedback reference inputs
in Figure 65, they appear as REFx and REFy, respectively.
The frequency translation factor from REFx to
OUTxyP/OUTxyN for external zero delay mode is:
OUTx
REFx
f
Ry
f
Rx Z
×
where Z is the external frequency translation factor such that
Z =
REFy
OUTx
f
f
To provide true hitless operation, external zero delay mode
requires a constraint on the relationship between fREFx and fREFy.
Namely, fREFy/fREFx must be an integer greater than or equal to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com