Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9545 Datasheet HTML 44Page - Analog Devices AD9545 Datasheet HTML 45Page - Analog Devices AD9545 Datasheet HTML 46Page - Analog Devices AD9545 Datasheet HTML 47Page - Analog Devices AD9545 Datasheet HTML 48Page - Analog Devices AD9545 Datasheet HTML 49Page - Analog Devices AD9545 Datasheet HTML 50Page - Analog Devices AD9545 Datasheet HTML 51Page - Analog Devices AD9545 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 48 of 157
TIME
MODULATION
EVENT
BASE
EDGE
SYNC EDGE
MODULATION
EVENT
BASE
EDGE
0
1
2
3
SYNC EDGE
0
1
2
3
MODULATION PERIOD
MODULATED
CARRIER
DEMOD OUT
POLARITY OUT
SYNC EDGE = 0
DEMOD OUT
POLARITY OUT
SYNC EDGE = 1
DEMOD OUT
POLARITY OUT
SYNC EDGE = 2
DEMOD OUT
POLARITY OUT
SYNC EDGE = 3
Figure 46. Demodulation Synchronization
DEMODULATOR DELAY
The demodulated signal is a single pulse with a duration equal
to the period of the input carrier clock as shown by the demod
out traces in Figure 46. When the demodulator identifies a
modulation event within the carrier signal, it denotes the next
rising edge of the carrier as the modulation base edge. The position
of the pulse can be any one of four subsequent carrier clock
periods after the base edge. The pulse position is programmable
and allows some control over the latency through the demodula-
tor. To specify the pulse position use the 2-bit unsigned REFx
demodulator sync edge bit field (where x is A, AA, B, or BB)
in Bits[D5:D4] of Register 0x0302 to Register 0x0303 and
Register 0x0306 to Register 0x0307. The value of this bit field, 0
(default), 1, 2, or 3, corresponds to the desired sync edge in
Figure 46 (REFx demodulator sync edge = 0 is not valid).
DEMODULATOR POLARITY
Modulation events span two clock periods of the carrier signal
as detailed in the Distribution Embedded Output Clock
Modulation section. Normal polarity constitutes the first pulse
having greater than 50% duty cycle with an optional second
pulse having less than 50% duty cycle, that is (50 + x)% followed
by an optional (50 − x)%. Alternate polarity is the opposite: a
less than 50% duty cycle pulse optionally followed by a more
than 50% duty cycle pulse.
The demodulator is most sensitive when it is aware of the
modulation polarity in advance. The user can take advantage of
this sensitivity by informing the demodulator of the polarity of
the embedded modulation events via the REFx demodulator
event polarity bit (where x is A, AA, B, or BB) in Bit D2 of
Register 0x0302 to Register 0x0303 and Register 0x0306 to
Register 0x0307. Logic 0 (default) indicates the embedded
modulation exhibits normal polarity, whereas Logic 1 indicates
alternate polarity.
The REFx demodulator event polarity bit is only meaningful
when automatic polarity detection is not in effect.
AUTOMATIC POLARITY DETECTION
The demodulators are capable of automatically detecting the
polarity of modulation events. To enable this feature, use the
enable REFx demodulator polarity bit (where x is A, AA, B, or
BB) in Bit D7 of Register 0x0302 to Register 0x0303 and
Register 0x0306 to Register 0x0307. Logic 0 (default) disables
automatic polarity detection, whereas Logic 1 enables it.
When enable REFx demodulator polarity = 1, the demodulator
detects the polarity (normal or alternate) of each modulation
event and latches the result (normal polarity is Logic 0, alternate
polarity is Logic 1) to polarity out (see Figure 45). When enable
REFx demodulator polarity = 0, the demodulator does not
produce a polarity out signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com