Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9545 Datasheet HTML 62Page - Analog Devices AD9545 Datasheet HTML 63Page - Analog Devices AD9545 Datasheet HTML 64Page - Analog Devices AD9545 Datasheet HTML 65Page - Analog Devices AD9545 Datasheet HTML 66Page - Analog Devices AD9545 Datasheet HTML 67Page - Analog Devices AD9545 Datasheet HTML 68Page - Analog Devices AD9545 Datasheet HTML 69Page - Analog Devices AD9545 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 66 of 157
DC > 50%
BALANCED
MODULATION
UNBALANCED
MODULATION
MODULATION EVENT
DC = 50%
50%
FIRST
MODULATION
CYCLE
SECOND
MODULATION
CYCLE
TIME
NOMINAL
(50%)
NOMINAL
(50%)
50%
+Δt
SECOND PULSE
UNALTERED
+Δt
–Δt
Figure 58. Alternate Modulation Polarity
TIME
BASE
EDGE
Figure 59. Modulation Synchronization Edges
TIME
SYNC EDGE
MODULATION
EVENT
MODULATION
EVENT
0
1
2
3
SYNC EDGE
0
1
2
3
SIGx
SNCx
MODULATION PERIOD
BASE
EDGE
BASE
EDGE
Figure 60. Modulation Synchronization
MODULATION SYNC
The periodic modulation events produced by the modulators
are useful as timing markers for synchronization purposes.
Both the balanced and unbalanced modulation schemes use
two Q divider output cycles to define a modulation event (see
Figure 56 and Figure 57). In the case of unbalanced modulation,
the second cycle is unaltered but is still part of the modulation
event. As such, the first rising edge of the Q divider output
following the second modulation cycle marks the base edge for
synchronization purposes (see Figure 59).
The synchronization information available from the modulators
requires the use of a secondary signal path. This path is the
reason the modulators have SIGx and SNCx output signals. The
SIGx signals are the modulated waveforms that ultimately
propagate to the distribution output pins.
The SNCx signals are internal only and carry synchronization
information attached to the modulation events corresponding
with the associated SIGx signal (for example, SNCA associates
with SIGA). The SNCx signal is a pulse coincident with the base
edge of the corresponding SIGx signal, as shown in Figure 60.
As shown in Figure 48, the SNCx signals route to the DPLL via
the hitless/zero delay feedback and sync block of the N-shot/
PRBS controller. The SNCx signals provide synchronization to
the N-divider of the corresponding DPLL channel. The device
automatically selects the appropriate SNCx signal for the Q divider
chosen for feedback (when modulation is in effect for that
particular Q divider). The SNCx selection is based on the 3-bit
Profile x.y tag mode bit field (where x is 0 or 1 and y is 0 to 5)
in Bits[D4:D2] of Register 0x1203, Register 0x1223, Register
0x1243, Register 0x1263, Register 0x1283, Register 0x12A3,
Register 0x1603, Register 0x1623, Register 0x1643, Register 0x1663,
Register 0x1683, and Register 0x16A3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com