Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 99 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 99 Page - Analog Devices

Back Button AD9545 Datasheet HTML 95Page - Analog Devices AD9545 Datasheet HTML 96Page - Analog Devices AD9545 Datasheet HTML 97Page - Analog Devices AD9545 Datasheet HTML 98Page - Analog Devices AD9545 Datasheet HTML 99Page - Analog Devices AD9545 Datasheet HTML 100Page - Analog Devices AD9545 Datasheet HTML 101Page - Analog Devices AD9545 Datasheet HTML 102Page - Analog Devices AD9545 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 99 of 157
CAVEATS OF CASCADED DPLL OPERATION
To activate cascaded DPLL operation, the transition to holdover
or freerun must occur by conventional means, as a result of a
reference invalidation, for example, rather than by means of
forced holdover or freerun via the register map.
The recommendation is to avoid using reference synchronization
when employing cascaded DPLL operation (see the Reference
Synchronization section).
When the profile targeted by the DPLLx inactive profile index
bit field becomes inactive, certain aspects of the target profile
configuration still matter (even though the target profile is
inactive), as follows:
•
The translation type (phase buildout or hitless—see the
Translation Modes section). For phase buildout mode, the
APLL associated with the primary DPLL must be in a
calibrated and locked state. For hitless (internal) mode, the
APLL associated with the primary DPLL must be in a
calibrated and locked state and the selected distribution
path must be active (that is, a sync event has occurred (see
the Distribution Output Clock Synchronization section) on
the channel associated with the secondary DPLL).
•
The device uses the information related to the feedback
configuration of the primary DPLL (even though the
primary DPLL is effectively operating open loop, that is,
holdover or freerun).
•
The user cannot specify fractional feedback division for the
primary DPLL (that is, the device ignores the fractional
portion of the feedback divider when operating in the
cascaded DPLL configuration). Furthermore, the user must
properly program the Profile x.y buildout N-divider bit
field of the targeted inactive profile (even if the targeted
inactive profile is a hitless (internal) profile). See the DPLL
Feedback Divider (N-Divider) section for details relating to
the Profile x.y buildout N-divider bit field.
•
The user cannot specify the external zero delay configuration
for cascaded DPLL operation. That is, the enable profile x.y
external zero delay bit must be Logic 0 (where x is the PLL
channel (0 or 1) and y is the profile number (0 to 5)).
•
The device uses the information related to timestamp
tagging according to the primary DPLL. Specifically, the
tagging mode defined for the feedback path of the primary
DPLL determines whether timestamp tags are available on
the reference input path of the secondary DPLL. Thus, the
targeted inactive profile for the primary DPLL must use a
value of 2, 3, or 4 in the Profile x.y tag mode bit field (where x
is 0 or 1 and y is 0 to 5). In addition, the translation profile for
secondary DPLL must use a value of 1, 3, or 4 in the Profile x.y
tag mode bit field (where x is 0 or 1 and y is 0 to 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com