Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 82 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9545 Datasheet HTML 78Page - Analog Devices AD9545 Datasheet HTML 79Page - Analog Devices AD9545 Datasheet HTML 80Page - Analog Devices AD9545 Datasheet HTML 81Page - Analog Devices AD9545 Datasheet HTML 82Page - Analog Devices AD9545 Datasheet HTML 83Page - Analog Devices AD9545 Datasheet HTML 84Page - Analog Devices AD9545 Datasheet HTML 85Page - Analog Devices AD9545 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 82 of 157
DPLL Loop Filter Base Coefficients
The response of characteristic of a digital loop filter is a
function of digital coefficients. In the case of the AD9545, there
are base coefficients that establish a normalized frequency
response characteristic. The user scales the normalized
response to achieve an absolute response (see the DPLL Loop
Filter Bandwidth section).
The AD9545 offers two independent sets of base coefficients, LFx
(where x is 0 or 1), residing in Register 0x0C00 to Register 0x0C17.
The LF0 coefficients are Alpha 0, Beta 0, Gamma 0, and Delta 0.
The LF1 coefficients are Alpha 1, Beta 1, Gamma 1, and Delta 1.
Each coefficient has two components—a significand and an
exponent (for example, the Alpha Significand 0 and Alpha
Exponent 0 bit fields in Register 0x0C00 to Register 0x0C02,
respectively).
Each DPLL has access to LF0 and LF1 per Figure 70. To specify
which response the loop filter of the DPLL uses, program the
Profile x.y loop filter base bit accordingly (where x is the PLL
channel (0 or 1) and y is the profile number (0 to 5)). Logic 0
(default) selects LF0, whereas Logic 1 selects LF1. The Profile x.y
loop filter base bits reside in Bit D7 of Register 0x1203, Register
0x1223, Register 0x1243, Register 0x1263, Register 0x1283,
0x12A3, Register 0x1603, Register 0x1623, Register 0x1643,
Register 0x1663, Register 0x1683, and Register 0x16A3.
The AD9545 provides default values for LF0 and LF1 resulting
in a default response characteristic. The LF0 default values yield
an open-loop response characteristic with 70° phase margin
(nominal). The LF1 default values yield an open-loop response
characteristic with 88.5° phase margin (nominal). Furthermore,
the LF1 default coefficients yield a nearly flat closed-loop
response with <0.1 dB peaking.
Although it is generally not necessary to alter the response of
LF0 or LF1, the user can contact Analog Devices for assistance
with calculating new base coefficients to tailor the DPLL loop
filters to specific requirements.
DPLL Loop Filter Bandwidth
Because the base coefficients establish a normalized frequency
response, the loop filter requires a scale factor to set the
absolute frequency response. The scale factor resides in the
translation profiles as an unsigned 32-bit Profile x.y loop
bandwidth bit field, as shown in Figure 70 (where x is the PLL
channel (0 or 1) and y is the profile number (0 to 5)). The
Profile x.y loop bandwidth bit fields reside in registers starting
with Address 0x1204, Address 0x1224, Address 0x1244,
Address 0x1264, Address 0x1284, Address 0x12A4, Address
0x1604, Address 0x1624, Address 0x1644, Address 0x1664,
Address 0x1684, and Address 0x16A4.
The frequency units associated with the Profile x.y loop bandwidth
bit field depend on the normalization of the LF0 and LF1 base
coefficients (see the DPLL Loop Filter Base Coefficients section).
However, for the default base coefficients, the normalized
frequency units are µHz (10−6 Hz) for both LF0 and LF1.
For example, to set the 0 dB open-loop bandwidth to 50 Hz,
divide 50 Hz by the normalized frequency established by the
selected set of base coefficients (LF0 or LF1), which is 10−6 Hz
for the default LF0 and LF1 values.
Profile x.y Loop Bandwidth = 50 Hz/10−6 Hz
= 50,000,000
= 0x02FAF080 (hexadecimal)
Note that the 32-bit Profile x.y loop bandwidth bit field implies
a maximum DPLL loop bandwidth of nearly 4.3 kHz. However,
the presence of the NCO gain tuning word filter in the loop (see
the NCO Gain Tuning Word Filter Bandwidth section) puts a
constraint on the maximum DPLL loop filter bandwidth. Table 41
relates the maximum DPLL loop filter bandwidth as a function
of the value of the DPLLx NCO gain filter bandwidth bit field
(where x is 0 or 1). The active translation profile of the DPLL
determines whether the LF0 or LF1 column applies for a given
DPLL channel.
Table 41. Maximum DPLL Loop Filter Bandwidth
DPLLx NCO Gain Filter
Bandwidth Bit Field Value
LF0 Maximum
Loop BW (HZ)
LF1 Maximum
Loop BW (HZ)
0
1850
305
1
925
152.5
2
462.5
76.3
3
231.3
38.1
4
115.6
19.1
5
57.81
9.53
6
28.91
4.77
7
14.45
2.38
8
7.227
1.191
9
3.613
0.596
10
1.807
0.298
11
0.9033
0.149
12
0.4517
0.745
13
0.2258
0.037
14
0.1219
0.019
15
0.0565
0.009
DPLL NCO
The DPLL NCO requires an external clock source. In the case of
the AD9545, the external clock source drives the XOA and XOB
input pins, from which an integrated PLL synthesizer generates
an approximately 2.4 GHz clock signal.
The DPLL normally operates in closed-loop fashion (that is, as
a PLL), which is the normal operating mode, wherein the loop
filter is the frequency tuning word (FTW) source for the NCO.
However, under certain conditions, the DPLL operates in an
open-loop configuration. Figure 71 differentiates between the
two configurations by means of a switch. A loop controller
determines whether the DPLL is in closed-loop operation
(switch closed) or open-loop operation (switch open), while an
FTW processor determines the FTW source for the NCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com