Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9545 Datasheet HTML 4Page - Analog Devices AD9545 Datasheet HTML 5Page - Analog Devices AD9545 Datasheet HTML 6Page - Analog Devices AD9545 Datasheet HTML 7Page - Analog Devices AD9545 Datasheet HTML 8Page - Analog Devices AD9545 Datasheet HTML 9Page - Analog Devices AD9545 Datasheet HTML 10Page - Analog Devices AD9545 Datasheet HTML 11Page - Analog Devices AD9545 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 8 of 157
SPECIFICATIONS
The minimum and maximum values apply for the full range of supply voltage and operating temperature variations. The typical values
apply for VDD = 1.8 V and TA= 25°C, unless otherwise noted.
SUPPLY VOLTAGE
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
VDDIOA, VDDIOB
1.71
1.8
3.465
V
1.8 V, 2.5 V, and 3.3 V operation supported
VDD
1.71
1.8
1.89
V
SUPPLY CURRENT
The maximum supply voltage values given in Table 1 are the basis for the maximum supply current specifications. The typical supply
voltage values given in Table 1 are the basis for the typical supply current specifications. The minimum supply voltage values given in
Table 1 are the basis for the minimum supply current specifications.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT FOR TYPICAL
CONFIGURATION
The Typical Configuration specification in Table 3 is the basis for
the values shown in this section
IVDDIOx
5
8
mA
Aggregate current for all VDDIOx pins (where x = A or B)
IVDD
260
310
355
mA
Aggregate current for all VDD pins
SUPPLY CURRENT FOR ALL BLOCKS
RUNNING CONFIGURATION
The All Blocks Running condition in Table 3 is the basis for the
values shown in this section
IVDDIOx
5
8
mA
Aggregate current for all VDDIOx pins (where x = A or B)
IVDD
321
390
430
mA
Aggregate current for all VDD pins
POWER DISSIPATION
The typical values apply for VDD = 1.8 V, and the maximum values apply for VDD = 1.89 V.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION
Typical Configuration
445
560
671
mW
System clock = 49.152 MHz crystal; two DPLLs active;
two 19.44 MHz input references in differential mode;
two ac-coupled PLL0 CML output drivers at 245.76 MHz;
and two PLL1 CML output drivers at 156.25 MHz
All Blocks Running
548
700
813
mW
System clock = 49.152 MHz crystal; two DPLLs active;
two 19.44 MHz input references in differential mode;
three ac-coupled PLL0 HCSL output drivers at 400 MHz; and
two PLL1 HCSL output drivers at 400 MHz
Full Power-Down
125
mW
Based on the Typical Configuration specification with the
power down all bit set to Logic 1
Incremental Power Dissipation
Based on the Typical Configuration specification; the values in this
section indicate the change in power due to the indicated
operation relative to the Typical Configuration specification
Complete DPLL/APLL On/Off
200
mW
Change in dissipated power relative to the Typical Configuration
specification; the powered down blocks consist of one reference
input, one DPLL, one APLL, two channel dividers, and two
output drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com