Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 51 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9545 Datasheet HTML 47Page - Analog Devices AD9545 Datasheet HTML 48Page - Analog Devices AD9545 Datasheet HTML 49Page - Analog Devices AD9545 Datasheet HTML 50Page - Analog Devices AD9545 Datasheet HTML 51Page - Analog Devices AD9545 Datasheet HTML 52Page - Analog Devices AD9545 Datasheet HTML 53Page - Analog Devices AD9545 Datasheet HTML 54Page - Analog Devices AD9545 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 51 of 157
connects to both drivers, one current source is on and the other
is off, allowing a differential output signal.
Differential HCSL Output
To drive a standard HCSL receiver, refer to Figure 32. This
configuration requires programming the driver settings as
follows: enable OUTxy HCSL = 1 (source current), OUTxy
driver current = 3 (15 mA), and OUTxy driver mode = 0
(single-divider differential). In this mode, the driver expects a
50 Ω termination to ground on each driver output pin. The 15
mA drive current yields 750 mV swing across each 50 Ω load.
LVDS Output
To drive an LVDS receiver using ac coupling, refer to Figure 31.
This configuration requires programming the driver settings as
follows: enable OUTxy HCSL = 1 (source current), OUTxy
driver current = 0 (7.5 mA) and OUTxy driver mode = 0
(single-divider differential). In this mode, the driver expects a
50 Ω termination to ground on each driver output pin and dc
blocking capacitors with a 100 Ω differential termination at the
receiver. The expected termination arrangement yields 188 mV
swing across the 100 Ω load but with 188 mV common-mode
across the output pins, and thus, the need for dc-blocking
capacitors to preserve the common-mode bias of 1.2 V of the
receiver.
To drive an LVDS receiver directly with dc coupling, use a
T network, as shown in Figure 34. This configuration requires
programming the driver settings as follows: enable OUTxy
HCSL = 0 (sink current), OUTxy driver current = 0 (7.5 mA),
and OUTxy driver mode = 0 (single-divider differential). This
arrangement yields a 375 mV swing across the output pins with
1.24 V common mode. When using an additional 100 Ω
differential termination (RL) at the receiver, however, ac
coupling is necessary (as shown in Figure 31). The additional
termination also requires increasing the drive current to 15 mA
(OUTxy driver current = 2). This arrangement yields a 375 mV
swing across the output pins with 0.67 V common-mode (thus
the ac coupling requirement to preserve the 1.2 V common-
mode bias of the LVDS receiver).
To drive an LVDS receiver using a Thevenin equivalent
termination, refer to Figure 35, which exhibits the equivalent of
a 50 Ω pull-up to 1.42 V on each output pin. This configuration
requires programming the driver settings as follows: enable
OUTxy HCSL = 0 (sink current), OUTxy driver current = 0
(7.5 mA), and OUTxy driver mode = 0 (single divider
differential). This arrangement yields a 375 mV swing across
the output pins with 1.23 V common mode.
When using an additional 100 Ω differential termination (RL) at
the receiver, however, ac-coupling is necessary (as shown in
Figure 31), as well as increasing the drive current to 15 mA
(OUTxy driver current = 2). This arrangement yields 375 mV
swing across the output pins with 1.05 V common mode (thus
the ac coupling requirement to preserve the 1.2 V common-
mode bias of the LVDS receiver).
To drive an LVDS like receiver that can handle boosted signal
swing, use a Thevenin equivalent termination per Figure 36,
which exhibits the equivalent of a 50 Ω pull-up resistor to
1.60 V on each output pin.
This configuration requires programming the driver settings as
follows: enable OUTxy HCSL = 0 (sink current), OUTxy driver
current = 2 (15 mA), and OUTxy driver mode = 0 (single-
divider differential). This arrangement yields 750 mV swing
across the output pins with 1.23 V common-mode.
CML Output
To configure an output for CML signals, see Figure 33. When
using a 50 Ω pull-up resistor to 1.2 V, this configuration
requires programming the driver settings as follows: enable
OUTxy HCSL = 0 (sink current), OUTxy driver current = 0
(7.5 mA), and OUTxy driver mode = 0 (single-divider
differential). This arrangement yields a 375 mV swing across
the output pins with 1.01 V common mode.
When using a 50 Ω pull-up resistor to 1.5 V or 1.8 V, increase
the drive current to 15 mA (OUTxy driver current = 2). This
arrangement yields a 750 mV swing across the output pins with
1.125 V common mode for a 1.5 V supply and 1.425 V common
mode for a 1.8 V supply.
Dual, Single-Ended In-Phase Outputs
To configure the output to produce the same signal (in phase)
on each pin of an OUTxyP/OUTxyN pin pair, refer to Figure 37.
This configuration requires programming the driver settings as
follows: enable OUTxy HCSL = 1 (source current) and OUTxy
driver mode = 1 (single-divider, single-ended). Select the driver
current to yield an acceptable voltage swing based on the load
resistance, RL. The output is essentially a current source (on or
off per the logic state of the QXY divider) with an external pull-
down resistor. Thus, the output signal swing is between ground
and V = I × RL.
Independent, Single-Ended Outputs
To configure the output to produce independent signals on the
two output pins of an OUTxyP/OUTxyN pin pair, refer to
Figure 39. This configuration requires programming the driver
settings as follows: enable OUTxy HCSL = 1 (source current)
and OUTxy driver mode = 2 (dual-divider, single-ended).
Select the driver current to yield an acceptable voltage swing
based on the load resistance, RL. Note that the output is
essentially a current source (on or off per the logic state of the
Qxy and Qxyy dividers) with an external pull-down resistor.
Thus, the output signal swing is between ground and V = I × RL.
OUTPUT DRIVER RESET
Because driver pairs (OUT0AP and OUT0AN, for example) are
configurable as differential or single-ended, when the Q dividers
associated with a driver pair stop toggling (due to a divider
reset, for example) the output state of the driver pair is unknown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com