Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9545 Datasheet HTML 52Page - Analog Devices AD9545 Datasheet HTML 53Page - Analog Devices AD9545 Datasheet HTML 54Page - Analog Devices AD9545 Datasheet HTML 55Page - Analog Devices AD9545 Datasheet HTML 56Page - Analog Devices AD9545 Datasheet HTML 57Page - Analog Devices AD9545 Datasheet HTML 58Page - Analog Devices AD9545 Datasheet HTML 59Page - Analog Devices AD9545 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 56 of 157
DISTRIBUTION PHASE OFFSET CONTROL
OUTPUT PHASE OFFSET OVERVIEW
The phase offset controller (see Figure 47) governs the
application of phase offsets to the individual Q dividers. The
controller implements two categories of phase offset:
•
Initial phase offset
•
Subsequent phase offset
An initial phase offset applies after the device is powered up or
reset and the user issues a sync request that is completed (see
the Distribution Output Clock Synchronization section). The
completed sync request results in the establishment of the initial
phase offset. The value of the initial phase offset is per the 33-bit
unsigned Qxy phase bit field associated with each Q divider
(where x is 0 or 1 and y is A, AA, B, BB, C, or CC) in registers
starting with Address 0x1104, Address 0x110D, Address 0x1116,
Address 0x111F, Address 0x1128, Address 0x1131, 0x1504,
Address 0x150D, Address 0x1516, and Address 0x151F. There
are 10 occurrences of this bit field, one for each Q divider.
Subsequent phase offsets apply for all subsequent sync requests
(that is, any sync requests occurring after the initial power-up
or reset sync request). See the Distribution Output Clock
Synchronization section regarding sync requests.
Iinitial and subsequent phase offsets require the enable Qxy
pulse width control bit of the Q divider to be Logic 0.
INITIAL PHASE OFFSET
The initial phase offset of a particular Q divider is dependent on
the value of its corresponding Qxy divider ratio bit field and
enable Qxy half divide bit, which together constitute the
number of rising and falling input clock edges that span one
period of the Q divider output. For details on the Qxy divider
ratio and Enable Qxy half divide bit fields see the Distribution
Dividers (Q Dividers) section.
In terms of the bit field values defining the divide ratio of the Q
divider,
E = (2 × Qxy Divider Ratio) + Enable Qxy Half Divide
= 2 × QN
where:
E is the total number of input edges per output period of the Q
divider.
QN
is the complete divide factor (for example, 101.5) of a
specific Q divider.
Thus, for QN = 101.5, E = 203.
Use the Qxy phase bit field to program the initial phase offset.
The value of the Qxy phase bit field represents phase offset (θ,
in degrees) as a fraction of E.
θ = 360° × (Qxy Phase/E)
This equation implies that the value of the Qxy phase bit field
must be less than E (that is, the range of Qxy phase is 0 to E − 1).
Note that programming an invalid Qxy phase value results in
the phase offset controller taking no action other than setting
one of the DPLLx phase control error bits associated with the
corresponding Q divider (where x is 0 or 1) in Bits[D5:D0] of
Register 0x310E and Bits[D3:D0] of Register 0x320E. For
Register 0x310E, Bits[5:0] correspond to Q0CC, Q0C, Q0BB,
Q0B, Q0AA and Q0A, respectively. For Register 0x320E,
Bits[3:0] correspond to Q1BB, Q1B, Q1AA, and Q1A,
respectively.
The user can access the phase control error results via an
appropriately configured Mx status pin (see the Status and
Control Pins section). The Mx pin output signal constitutes a
logical OR of the DPLLx phase control error bits on a per
channel basis. That is, the logical OR of the six DPLL0 phase
control error bits associated with Channel 0 or the logical OR of
the four DPLL1 phase control error bits associated with
Channel 1.
SUBSEQUENT PHASE OFFSETS
Subsequent phase offsets involve writing a new phase offset
value to the appropriate Qxy phase bit field and then setting the
IO_UPDATE bit. The magnitude of the applied phase offset is
the same as described in the Initial Phase Offset section.
Unlike the initial phase offset, the phase controller implements
subsequent phase offsets in stepwise fashion as a sequence of
phase steps, where the Qxy phase bit field denotes the amount
of phase offset present at the termination of the sequence. The
controller executes the phase steps at a rate commensurate with
the Q divider output period. This mechanism makes it possible
to soften the phase transient that results when applying subsequent
phase offsets. The reason is the stepwise implementation of the
phase offset effectively limits phase transients to some maximum
amount per output cycle of the Q divider, which effectively
constitutes a phase rate of change limiter. The limited rate of
change of phase replaces the relatively large instantaneous phase
step of a phase adjustment with a series of small phase steps,
which reduces the spectral content normally associated with
phase adjustment.
When the Q divider is in the process of phase slewing as a part
of the phase offset sequence, it sets the corresponding DPLLx
phase slew active bit (where x is 0 or 1) in Bits[D5:D0] of
Register 0x310D and Register 0x320D. For Register 0x310D,
Bits[5:0] correspond to Q0CC, Q0C, Q0BB, Q0B, Q0AA, and
Q0A, respectively. For Register 0x320D, Bits[3:0] correspond to
Q1BB, Q1B, Q1AA, and Q1A, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com