Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 77 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9545 Datasheet HTML 73Page - Analog Devices AD9545 Datasheet HTML 74Page - Analog Devices AD9545 Datasheet HTML 75Page - Analog Devices AD9545 Datasheet HTML 76Page - Analog Devices AD9545 Datasheet HTML 77Page - Analog Devices AD9545 Datasheet HTML 78Page - Analog Devices AD9545 Datasheet HTML 79Page - Analog Devices AD9545 Datasheet HTML 80Page - Analog Devices AD9545 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 77 of 157
monitor forces it to establish new reference statics (see the
Reference Monitor section).
The phase transient threshold detector provides the user with a
status indicator for the occurrence of a phase step detection.
Phase step detection status is via the DPLLx phase step detected
bit (where x is 0 or 1) in Bit D0 of Registers 0x3011 and 0x3016.
Because these are latched IRQ bits, the user must clear them via
Bit D0 of Register 0x200C and Register 0x2011 to obtain
visibility of subsequent threshold violations detected by the
phase step detector (see the Interrupt Request (IRQ) section).
Mitigating Phase Step Limit False Positives
When enabled, the phase transient threshold detector operates
continuously while the associated reference is the active
reference for the DPLL (DPLL0 or DPLL1), assuming the DPLL
is frequency locked. As such, any phase disturbance at the input
to the phase detector (including user induced phase adjustment
via the DPLLx phase offset bit field (see the DPLL Phase Offset
Control section) or the Profile x phase skew bit field (see the
Skew Adjustment section) is subject to violating the threshold
of the phase transient threshold detector. To mitigate false
triggering of the phase transient threshold detector (when
enabled) due to intentional phase adjustments, the user can
employ the phase slew rate limiter (see the Phase Slew Rate
Limit section).
The following formula relates the maximum phase slew rate
(MPSR) assigned to the phase slew rate limiter necessary to
prevent inadvertent triggering of the phase transient threshold
detector due to a user induced phase disturbance:
MPSR ≤ (P × F)/7
(16)
where:
P is the phase transient threshold detector limit (in picoseconds).
F is the frequency (in Hz) at the input of the DPLL phase
detector. The inequality in Equation 16 ignores other
contributors to phase error such as jitter, frequency offset, and
propagation delay variation, for example. Because MPSR in
Equation 16 constitutes an upper bound, it is best to use a lower
value of MPSR to provide margin (a 25% reduction is
reasonable).
In fact, if the user has advance knowledge of the timing of an
external event such as the switching of the reference input clock
source via an external mux, then rather than using the phase
transient step detector a more robust solution is to invalidate
the associated reference manually. To do so, force a reference
fault condition via the appropriate fault REFx bit field (where x
is A, AA, B, or BB) in Bits[D3:D0] of Register 0x2003. Using
this method imposes the least impact on the steady state
operation of the device. The only steady state impact is that the
validation timer of the associated reference must be set to a
duration that is longer (with suitable margin) than the duration
between the assertion of the force fault condition and the
occurrence of the external event.
SKEW ADJUSTMENT
Skew adjustment allows the user to associate a fixed phase offset
with a reference input, which is useful in applications with
redundant GNSS/GPS reference sources, for example. That is, a
user may have two or more GNSS/GPS sources that have
identical frequency but exhibit a fixed time offset due to a
mismatch between antenna cable lengths.
To activate the skew adjustment feature, program the 24-bit
signed Profile x phase skew bit field (where x is 0 to 7) in
registers starting with Address 0x080E, Address 0x082E,
Address 0x084E, Address 0x086E, Address 0x088E, Address
0x08AE, Address 0x08CE, and Address 0x08EE. The default
value is zero, which disables the skew adjustment feature. A
nonzero value enables the skew adjustment feature and denotes
the desired time skew in units of picoseconds per the following
equation:
Time skew = Profile x Phase Skew × 10−12
(17)
For example, determine the value of the Profile x phase skew bit
field necessary for a time skew of –35 ns. Solving Equation 17
for Profile x phase skew yields the following:
Profile x Phase Skew = Time Skew/10−12
= (–35 × 10−9)/10−12
= –35,000
= 0xFF7748 (hexadecimal)
INITIAL PHASE SKEW REFINEMENT STEPS
Whenever the AD9545 performs a reference switchover, it
performs an initial assessment of the time offset between the
old and new reference. The device does not use the phase of the
new reference to determine the phase offset but compares the
time stamps of the feedback TDC with the time stamps from
the TDC of the new reference (see Figure 67). This comparison
allows the device to insert an opposing time offset into the
servo loop of the DPLL, a phase buildout operation (see the
Frequency Translation Loops section).
By definition, this initial phase offset insertion constitutes a
phase buildout and is a requirement for reference switchover
involving a phase buildout translation profile. However, because
the AD9545 supports both hitless and phase buildout
translation profiles, it can leverage its phase buildout capability
to assess the reference phase offset and build out the initial
phase offset of a hitless switchover as well. By applying phase
buildout at the beginning of a hitless switchover, the AD9545
can significantly reduce the time necessary to complete a hitless
switchover acquisition.
Because the feedback path of the DPLL includes the loop filter,
the feedback signal has the benefit of reduced jitter and an
inherent resistance to change (a consequence of the typically
narrow bandwidth of the loop filter). As such, when the
AD9545 switches to a new reference, the phase and frequency
of the old reference tends to persist in the feedback path of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com