Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 55 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9545 Datasheet HTML 51Page - Analog Devices AD9545 Datasheet HTML 52Page - Analog Devices AD9545 Datasheet HTML 53Page - Analog Devices AD9545 Datasheet HTML 54Page - Analog Devices AD9545 Datasheet HTML 55Page - Analog Devices AD9545 Datasheet HTML 56Page - Analog Devices AD9545 Datasheet HTML 57Page - Analog Devices AD9545 Datasheet HTML 58Page - Analog Devices AD9545 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 55 of 157
Q DIVIDER CONSTRAINTS
Changing the divide ratio of any one of the Q dividers invokes a
synchronization process (see the Autoreconfiguration Sync
Trigger section). The act of changing the divide ratio of a single
Q divider causes a disturbance of all the output clock signals of
the associated PLL channel. Therefore, it is not possible to
change the divide ratio of one Q divider without disturbing all
of the output clock signals of the associated PLL channel.
When the system clock is the selected clock source for a Q
divider pair (see the Distribution Output Clock Synchronization
section), an unlock event on the system clock may cause the Q
divider pair to enter an invalid state. Recovery from this state
requires a divider reset. Therefore, after a system clock unlock
event, the user must follow these steps:
1.
Calibrate the system clock (see the System Clock
Calibration section)
2.
Calibrate APLL0 and APLL1 (see the VCO Calibration
section)
3.
Reset any Q dividers (see the Q Divider Reset section)
using the system clock as an input clock source
4.
Synchronize output distribution (see the Distribution
Output Clock Synchronization section)
When using embedded output clock modulation to modulate
the Q divider output (see the Distribution Embedded Output
Clock Modulation section), a minimum Q divider divide ratio
is necessary:
Qxy ≥ 8
where:
x = 0 or 1.
y = A, B, or C.
When employing the N-shot triggering mechanism to trigger a
Q divider (see the N-Shot Triggering section), a minimum
Q divider divide ratio of 8 is necessary.
Qxy ≥ 8
where:
x = 0 or 1.
y = A, B, or C.
HITLESS/ZERO DELAY FEEDBACK
When configured for hitless/zero delay operation, the DPLL of
the affected PLL channel requires a feedback clock signal to its
N-divider from one of the distribution outputs (see the Internal
Zero Delay (Hitless) Mode section in the Frequency Translation
Loops section). This feedback mechanism is via the hitless/zero
delay feedback and sync block of the N-shot/PRBS controller in
Figure 48. The 5-bit internal/external zero delay feedback path
bit field resides in Bits[D4:D0] of Register 0x1202, Register 0x1222,
Register 0x1242, Register 0x1262, Register 0x1282, Register
0x12A2, Register 0x1602, Register 0x1622, Register 0x1642,
Register 0x1662, Register 0x1682, and Register 0x16A2, which
selects the desired Q divider for feedback to the DPLL N-
divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com