Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 50 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9545 Datasheet HTML 46Page - Analog Devices AD9545 Datasheet HTML 47Page - Analog Devices AD9545 Datasheet HTML 48Page - Analog Devices AD9545 Datasheet HTML 49Page - Analog Devices AD9545 Datasheet HTML 50Page - Analog Devices AD9545 Datasheet HTML 51Page - Analog Devices AD9545 Datasheet HTML 52Page - Analog Devices AD9545 Datasheet HTML 53Page - Analog Devices AD9545 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 50 of 157
DISTRIBUTION CLOCK OUTPUT DRIVERS
DISTRIBUTION CLOCK OUTPUT DRIVERS
OVERVIEW
The AD9545 has 10 clock output pins capable of generating up
to 10 output clock signals. The 10 pins comprise two groups of
clocks differentiated by the PLL channel available as the clock
source driving the group. PLL0 can clock the OUT0 group,
while PLL1 can clock the OUT1 group.
The Output 0 (OUT0) group comprises six of the 10 clock
output pins with the six pins consisting of three pin pairs. Each
pin pair represents an output subgroup (A, B, and C) with the
pins designated as
•
OUT0AP and OUT0AN
•
OUT0BP and OUT0BN
•
OUT0CP and OUT0CN
The Output 1 (OUT1) group comprises the remaining four
output pins consisting of two pin pairs. Each pin pair represents
an output subgroup (A and B) with the pins designated as
•
OUT1AP and OUT1AN
•
OUT1BP and OUT1BN
OUTPUT CURRENT CONTROL
Each pin associated with a subgroup pin pair (OUTxyP/OUTxyN,
where x is 0 or 1 and y is A, B, or C) has a current source and a
channel divider associated with it. The user has the option to set
both subgroup outputs as either source current or sink current
via the enable OUTxy HCSL bit (where x is 0 or 1 and y is A, B
or C) in Bit D0 of Register 0x10D7 to Register 0x10D9 and
Register 0x14D7 to Register 0x14D8. Logic 0 (default) selects
current sink mode, while Logic 1 selects current source (or
HCSL) mode.
To control the magnitude of the current, use the OUTxy driver
current bit pairs (where x is 0 or 1 and y is A, B or C) in
Bits[D2:D1] of Register 0x10D7 to Register 0x10D9 and
Register 0x14D7 to Register 0x14D8. Table 31 relates the bit
field value to the magnitude of the driver current.
Table 31. Output Driver Current
OUTxy Driver Current Bit Field Value
Output Current (mA)
0
7.5 (default)
1
12.5
2
15
3
Not applicable
OUTPUT MODE CONTROL
The user has control over how each subgroup pin pair relates to
the channel dividers of the subgroup via the OUTxy driver
mode bit field (where x is 0 or 1 and y is A, B, or C) in
Bits[D4:D3] of Register 0x10D7 to Register 0x10D9 and
Register 0x14D7 to Register 0x14D8 per Table 32.
The single divider modes use only the Qxy divider (with the
Qxyy divider powered down). The dual divider mode makes
use of both the Qxy and Qxyy dividers.
In single-divider differential mode, the clock signal at the
OUTxyN pin phase is inverted relative to the OUTxyP pin.
Figure 32 shows an example of single-divider differential mode.
In single-divider single-ended mode, the clock signals at the
OUTxyP and OUTxyN pins are in phase relative to one another.
Figure 37 shows an example of single-divider single-ended mode.
In dual-divider single-ended mode, the Qxy divider drives the
OUTxyP pin and the Qxyy divider drives the OUTxyN pin. In
this mode, each output of the subgroup can have a different
frequency and phase offset. Figure 39 shows an example of
dual-divider single-ended mode.
Table 32. Driver Output Mode
OUTxy Driver Mode Bit Field
Value
Output Driver Mode
0
Single-divider differential
(default)
1
Single-divider single-ended
2
Dual-divider single-ended
3
Not applicable
OUTPUT DRIVER CONFIGURATIONS
Table 33 shows a summary of the pertinent driver control bit
field names and corresponding registers (where x is 0 or 1
and y is A, B, or C). The various driver control settings have
corresponding driver termination requirements.
Table 33. Output Driver Control Summary
Bit Field Name
Registers
Enable OUTxy HCSL
Register 0x10D7, Bit 0 to
Regsiter 0x10D9, Bit 0
Register 0x14D7, Bit 0 to
Register 0x14D8, Bit 0
OUTxy Driver Current
Register 0x10D7, Bits[2:1] to
Register 0x10D9. Bits[2:1]
Register 0x14D7, Bits[2:1] to
Register 0x14D8, Bits[2:1]
OUTxy Driver Mode
Register 0x10D7, Bits[4:3] to
Register 0x10D9, Bits[4:3]
Register 0x14D7, Bits[4:3] to
Register 0x14D8, Bits[4:3]
Each pin of an output pin pair (OUTxyP/OUTxyN) has an
independent driver capable of either sourcing or sinking
current (via the enable OUTxy HCSL bit). Note, however, that
the source/sink selection applies to both current sources of an
output pin pair (that is, either both pin drivers source current or
both pin drivers sink current per the enable OUTxy HCSL bit).
The current source (or sink) of the individual driver is either on
or off, depending on the logic level it receives from the Qxy or
Qxyy divider (0 = off, 1 = on). the Qxy divider has normal and
inverted logic outputs, which means when the Qxy divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com