Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 93 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 93 Page - Analog Devices

Back Button AD9545 Datasheet HTML 89Page - Analog Devices AD9545 Datasheet HTML 90Page - Analog Devices AD9545 Datasheet HTML 91Page - Analog Devices AD9545 Datasheet HTML 92Page - Analog Devices AD9545 Datasheet HTML 93Page - Analog Devices AD9545 Datasheet HTML 94Page - Analog Devices AD9545 Datasheet HTML 95Page - Analog Devices AD9545 Datasheet HTML 96Page - Analog Devices AD9545 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 93 of 157
bit field has fresh data. However, the DPLLx history updated bit
is a latched bit; therefore, it indicates that the DPLLx tuning
word history bit field has data, but not necessarily the most
recent data.
DPLLx Clear History Bit
The user can clear the averaging history at any time via the
DPLLx clear history bit (where x is 0 or 1) in Bit D1 of
Register 0x2107 and Register 0x2207. Programming this bit to
Logic 1 forces the averaging processor to clear the averaging
circuitry, thereby erasing any previous tuning word history
information and forces the DPLLx history available bit to
Logic 0 (until a newly computed initial average is available).
Programming the DPLLx history available bit to Logic 1 does
not clear the contents of the DPLLx tuning word history bit
field. That is, the last update of this register remains intact until
the processor calculates a new average and sets the DPLLx history
updated bit, thereby notifying the user a new average is available.
DPLLx Single Sample History Bit
When the DPLL must make a switch from active closed-loop
operation to holdover operation, it attempts to use the tuning
word history from the averaging processor. However, if the
averaging processor has not yet set the DPLLx history available
bit (indicating no history is available), then the DPLL, by
default, uses the DPLLx freerun tuning word bit field as the
tuning word for the NCO. Alternatively, the user can have the
DPLL use the most recent tuning word from the loop filter
instead. To use this feature, write a Logic 1 to the DPLLx single
sample history bit (where x is 0 or 1) in Bit D1 of Register
0x100E and Register 0x140E.
DPLLx Quick Start History Bit
Normally, when the DPLL is in active closed-loop operation,
the averaging processor must process tuning words for at least
the amount of time prescribed by the DPLLx history accumulation
timer bit field to compute a full tuning word history average
and to set the DPLLx history available bit (thereby indicating
the averaging processor has processed enough tuning words to
compute an initial average). However, the user has the option of
allowing the averaging processor to indicate the history is
available earlier, by writing a Logic 1 to the DPLLx quick start
history bit (where x is 0 or 1) in Bit D2 of Register 0x100E and
Register 0x140E. Under this condition, the averaging processor
sets the DPLLx history available bit after the first two
subintervals expire and updates the DPLLx tuning word history
bit field. Updates of the DPLLx tuning word history bit field
continue every subinterval thereafter.
During the first eight subintervals of the quick-start history
sequence, the second and third subintervals exhibit a two
subinterval averaging window. The fourth, fifth, sixth, and
seventh subintervals exhibit a four subinterval averaging
window. Finally, the eighth subinterval exhibits an eight
subinterval averaging window, which remains the case for all
subsequent subintervals.
The quick start feature is useful when the time span dictated by
the DPLLx history accumulation timer bit field is very large
(hours, for example). The quick start feature allows the
averaging processor to make an initial tuning word average
available after ¼ of the time indicated by the DPLLx history
accumulation timer bit field.
The DPLLx single sample history bit and the DPLLx quick start
history bit are not mutually exclusive. Both can be set,
providing both options simultaneously with the state of the
averaging processor dictating which option is applicable for the
prevailing conditions. Following a switch from active closed-
loop operation to holdover operation, the progress made by the
averaging processor in computing the initial tuning word
average directs the action of the tuning word processor
according to the state of the DPLLx single sample history bit
and the DPLLx quick start history bit.
DPLLx Persistent History Bit
The DPLLx persistent history bit (where x is 0 or 1) works in
conjunction with the control bits described in the Averaging
Processor Continue or Reset section. The DPLLx persistent
history bit resides in Bit D0 of Register 0x100E and
Register 0x140E.
When DPLLx persistent history is Logic 0, the tuning word
processor resets the averaging processor based on the control
bits described in the Averaging Processor Continue or Reset
section below. When DPLLx persistent history is Logic 1, it
prevents the tuning word processor from clearing the averaging
processor based on the control bits described in the Averaging
Processor Continue or Reset section. Instead, the averaging
processor holds onto its previous computation. That is, the
computation pauses or persists.
Averaging Processor Continue or Reset
By default, the averaging processor continues to compute a
rolling average regardless of the state of the DPLL. The
following three bits (where x is 0 or 1 as appropriate) provide
optional control over resetting or pausing the averaging
processor based on the DPLL state:
•
DPLLx pause history phase unlock
•
DPLLx pause history frequency unlock
•
DPLLx pause history while phase slew limiting
These bits pause or reset the averaging process depending on
the DPLLx persistent history bit. When DPLLx persistent
history = 0, these three bits cause the averaging processor to
reset. When DPLLx persistent history = 1, these three bits cause
the averaging processor to pause (and then resume when the
conditions dictate).
The DPLLx pause history phase unlocked bit in Bit D0 of
Register 0x100F and Register 0x140F pauses or resets the
averaging processor when the DPLL is not phase locked.
The DPLLx pause history frequency unlock bit in Bit D1
of Register 0x100F and Register 0x140F pauses or resets the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com