Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 98 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9545 Datasheet HTML 94Page - Analog Devices AD9545 Datasheet HTML 95Page - Analog Devices AD9545 Datasheet HTML 96Page - Analog Devices AD9545 Datasheet HTML 97Page - Analog Devices AD9545 Datasheet HTML 98Page - Analog Devices AD9545 Datasheet HTML 99Page - Analog Devices AD9545 Datasheet HTML 100Page - Analog Devices AD9545 Datasheet HTML 101Page - Analog Devices AD9545 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 98 of 157
Figure 80 shows cascaded DPLL configuration and its operation.
The main difference between Figure 79 and Figure 80 is that
DPLL1 has Translation Profile 1.x configured to use the
feedback path of DPLL0 as a reference input. Setting up
Translation Profile 1.x in this way establishes the potential for
cascaded DPLL operation. The fact that Translation Profile 1.x
is set up to use the feedback path of DPLL0 as a reference input
identifies DPLL1 as the secondary DPLL and DPLL0 as the
primary DPLL in the cascaded DPLL configuration (see the
right side of Figure 80).
The existence of Translation Profile 1.x is one of two conditions
necessary to enable cascaded DPLL operation. The other
condition is that the primary DPLL must have an assigned
inactive profile. The user makes this assignment via the DPLLx
inactive profile index bit field (where x is 0 or 1) in Bits[D2:D0]
of Register 0x102A or Register 0x142A. By default, DPLLx
inactive profile index = 0, which assigns Translation Profile 0.0
or Translation Profile 1.0 as the inactive profile assignment, but
the user can specify any one of the six translation profiles as the
inactive profile by programming DPLLx inactive profile index =
n (where n is a value from 0 to 5). Figure 80 indicates
Translation Profile 0.b as the inactive profile to demonstrate a
nondefault example.
Consider the left side of Figure 80, which is the same as in
Figure 79 except for the fact that DPLL0 has Translation Profile B
assigned in its DPLL0 inactive profile index bit field. Like
Figure 79, both DPLLs lock to Reference Source 1. The middle
portion of Figure 80 applies when Reference Source 1 is lost.
Like Figure 79, both DPLLs lock to Reference Source 2. When
Reference Source 2 is lost (as shown in the right portion of
Figure 80), however, and assuming the user has configured a
translation profile (Translation Profile 1.x in this example) to
use the feedback path of the primary DPLL as a reference
source, the following events occur.
When DPLL0 loses its reference, it has no recourse but to
switch to holdover or freerun mode because no reference
sources are available. However, when Translation Profile 0.b
becomes inactive, because Translation Profile B is the inactive
profile index for DPLL0, the feedback path of the DPLL0 is
available as a valid reference for DPLL1. Although DPLL0
switches to holdover or freerun, DPLL1 does not because it has
an available reference source: the feedback path of the DPLL0
(DPLL1 may experience a momentary switch to holdover or
freerun mode before switching to cascaded DPLL operation).
The result is cascaded DPLL operation, in which the reference
input of DPLL1 (the secondary DPLL) connects to the feedback
path of DPLL0 (the primary DPLL). In this way, the two DPLL
outputs are phase locked, which preserves the original
requirement of phase locked DPLL outputs even when all
reference sources are lost.
The role of the primary and secondary DPLLs is reversible
because it is dependent on how the user programs the
translation profiles and assigns the inactive profile index.
For the cascaded DPLL configuration to become active, the
following conditions are necessary.
•
A translation profile associated with the secondary DPLL
that assigns the feedback path of the primary DPLL as a
reference input must exist.
•
The primary DPLL must have an inactive translation
profile assignment (by default, the inactive profile is
Translation Profile 0 unless otherwise specified).
•
The primary channel of the APLL must be calibrated and
indicate locked status.
•
The primary DPLL must be inactive, that is, either in
freerun or holdover operation.
DIGITAL
CROSS
POINT
MUX
TO
APLL 0
TO
APLL 0
PFD
LF
NCO
N
DPLL 0
PFD
LF
NCO
N
DPLL 1
TO
APLL 1
REFERENCE
SOURCE 1
LOST
TO
APLL 0
NCO
DPLL 0
DPLL 1
FTW
TRANSLATION
PROFILE 0.a
TRANSLATION
PROFILE 1.z
PFD
LF
NCO
N
DPLL 0
PFD
LF
NCO
N
DPLL 1
TO
APLL 1
TO
APLL 1
TRANSLATION
PROFILE 0.b
TRANSLATION
PROFILE 1.y
ALL
REFERENCE
SOURCES
LOST
DIGITAL
CROSS
POINT
MUX
DIGITAL
CROSS
POINT
MUX
PROFILE B IS NOW
INACTIVE, BUT DPLL0
BECOMES A VALID
REFERENCE SOURCE BY
VIRTUE OF THE INACTIVE
INDEX ASSIGNMENT
N
PFD
LF
NCO
N
DPLL1 USES DPLL0 AS A
REFERENCE SOURCE
(DEFINED IN PROFILE 1.x)
TRANSLATION
PROFILE 1.x
DPLL0
CONFIGURED
WITH
INACTIVE
INDEX
ASSIGNED TO
PROFILE B
(PRIMARY)
(SECONDARY)
TDC
2
REFERENCE
SOURCES
TDC
1
TDC
2
REFERENCE
SOURCES
TRANSLATION PROFILE 0.a AND
TRANSLATION PROFILE 1.z ASSIGN
REFERENCE SOURCE 1
TRANSLATION PROFILE 0.b AND
TRANSLATION PROFILE 1.y ASSIGN
REFERENCE SOURCE 2
Figure 80. Cascaded DPLL Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com