Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 101 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 101 Page - Analog Devices

Back Button AD9545 Datasheet HTML 97Page - Analog Devices AD9545 Datasheet HTML 98Page - Analog Devices AD9545 Datasheet HTML 99Page - Analog Devices AD9545 Datasheet HTML 100Page - Analog Devices AD9545 Datasheet HTML 101Page - Analog Devices AD9545 Datasheet HTML 102Page - Analog Devices AD9545 Datasheet HTML 103Page - Analog Devices AD9545 Datasheet HTML 104Page - Analog Devices AD9545 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 101 of 157
APLL FEEDBACK DIVIDER (M-DIVIDER)
The user programs the APLL feedback M-divider via the 8-bit
unsigned APLLx Mx feedback divider bit fields (where x is 0 or
1) in Register 0x1081 and Register 0x1481. The divide ratio of
the M-divider is the value, M, the user programs in the APLLx
Mx feedback divider bit fields. The M-divider provides divide
ratios from 1 to 255. The M-divider interprets a value of 0 as 1.
For a desired divide ratio of 27, the required bit field value is 27
(0x1B hexadecimal).
PHASE/FREQUENCY DETECTOR (PFD)
The PFD detects the instantaneous phase error between the
feedback signal from the M-divider and the output from the
DPLL. The phase error essentially drives the servo loop of the
APLL in a manner that ultimately nulls out the phase difference
between the two signals. The PFD bandwidth is wide enough to
handle signals originating from the NCO of the DPLL (up to
~350 MHz nominal).
The APLLs incorporate lock detection circuitry that indicates
when they achieve a frequency locked condition. Locked status
indication is available via the APLLx lock bit in Bit D3 of
Register 0x3100 and Register 0x3200, where Logic 1 indicates
locked status. These bits are also available as an output signal
via an appropriately configured Mx pin.
The IRQ section of the register map provides the APLLx locked
and APLLx unlocked bits (where x is 0 or 1) in Bits[D3:D2] of
Register 0x3014 and Register 0x3019. Logic 1 constitutes the
status indicated by the name of the bit. Because these bits are
part of the IRQ mechanism (see the Interrupt Request (IRQ)
section), they constitute latched indicators of the status of the
APLL lock detector. The user must clear the APLLx locked and
APLL unlocked bits via Bits[D3:D2] of Register 0x200F and
Register 0x2014 to obtain visibility of subsequent changes of the
APLL lock or unlock state.
CHARGE PUMP
The charge pump consists of a pair of constant current sources
that deliver charge to or remove charge from the loop filter
based on the output of the phase detector. The transfer of
charge increases or decreases the voltage applied to the VCO,
which steers the VCO frequency to match the input frequency
and ultimately bring about a phase locked condition.
The charge pump has two operating modes, manual and
automatic, selectable via the enable APLLx manual charge pump
current bit (where x is 0 or 1) in Bit D7 of Register 0x1080 and
Register 0x1480. Logic 1 (default) selects manual mode,
whereas Logic 0 selects automatic mode.
In manual mode, the user programs the charge pump current
via the 7-bit unsigned APLLx manual charge pump current bit
field (where x is 0 or 1) in Bits[D6:D0] of Register 0x1080 and
Register 0x1480. The charge pump current (ICP) relates to the bit
field value as follows:
ICP
= APLLx Manual Charge Pump Current × 8 µA
(22)
ICP allows a current range of 0 µA to 1016 µA. The default bit
field value yields 128 µA.
For example, given ICP = 743 µA, determine the value of the APLLx
manual charge pump current bit field. Solving Equation 22 for
the bit field value yields
APLLx Manual Charge Pump Current = ICP
/8 µA
= 743 µA/8 µA
= 93 (nearest integer)
= 0x5D (hexadecimal)
In automatic mode, the APLLx manual charge pump current bit
field is ineffective. Instead, the APLL automatically adjusts the
charge pump current (ICP) based on the value of the M-divider
according to Table 47. This automatic adjustment yields a
relatively constant loop bandwidth for M-divider values from
1 to 63. The loop bandwidth is ~250 kHz for APLL0 and ~300 kHz
for APLL1. Note that automatic charge pump control is only valid
over a subset of M-divider values. In light of this constraint, it is
generally best practice to avoid automatic mode.
Table 47. APLL Charge Pump Current in Automatic Mode
M-Divider Value
ICP
1 to 63
M × 16 µA
64 to 255
1016 µA
Regardless of the operating mode (manual or automatic), the
charge pump has a provision for applying a constant dc offset
current to the output of the charge pump. Injection of an offset
current overcomes some of the spectral artifacts associated with
charge pump nonlinearity when the APLL is in a locked state.
Generally, noise performance improves significantly when this
feature is active and properly adjusted.
To enable/disable the dc offset current feature use the enable
APLLx dc offset current bit (where x is 0 or 1) in Bit D0 of
Register 0x1083 and Register 0x1483. Logic 1 (default) enables
this feature, whereas Logic 0 disables it. To control the polarity
(positive or negative) of the offset current, use the APLLx dc offset
current direction bit (where x is 0 or 1) in Bit D3 of Register 0x1083
and Register 0x1483. Logic 0 (default) is positive, whereas Logic 1 is
negative. The magnitude of the offset current depends on the value
of the 2-bit unsigned APLLx dc offset current value bit field (where
x is 0 or 1) in Bits[D2:D1] of Register 0x1083 and Register 0x1483.
The value of this bit field sets the dc offset current as a fraction of
ICP per Table 48, but with a granularity of 8 µA. Thus, the offset
current is in integer steps of 8 µA, with fractions of an 8 µA step
rounded in the direction of zero (that is, −53 µA rounds to
−4 µA).
Table 48. APLL Charge Pump DC Offset Current
APLLx DC Offset Current
Value Bit Field Value
DC Offset Current (% of ICP)
0
50
1
25 (default)
2
12.5
3
6.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com