Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 105 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 105 Page - Analog Devices

Back Button AD9545 Datasheet HTML 101Page - Analog Devices AD9545 Datasheet HTML 102Page - Analog Devices AD9545 Datasheet HTML 103Page - Analog Devices AD9545 Datasheet HTML 104Page - Analog Devices AD9545 Datasheet HTML 105Page - Analog Devices AD9545 Datasheet HTML 106Page - Analog Devices AD9545 Datasheet HTML 107Page - Analog Devices AD9545 Datasheet HTML 108Page - Analog Devices AD9545 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 105 of 157
HOLDOVER
NO
DPLLx HISTORY
AVAILABLE?
YES
DPLLx USES
DPLLx REERUN
TUNING WORD
DPLLx USES
DPLLx TUNING
WORD HISTORY
DPLLx
SINGLE SAMPLE
HISTORY = 1?
NO
YES
DPLLx USES
MOST RECENT
TUNING WORD
NOTES
1. ITALICS INDICATE REGISTER MAP BITFIELD.
Figure 84. Holdover Flow Chart
Note that freerun mode overrides holdover mode (see Figure 83).
Furthermore, freerun mode and holdover mode both override
the manual/automatic source selection modes available via the
DPLLx translation profile select mode bit field (see the
Manual/Automatic Translation Profile Selection section).
MANUAL/AUTOMATIC TRANSLATION PROFILE
SELECTION
Assuming that both the DPLLx force holdover and DPLLx force
freerun bits are Logic 0, the DPLL selects a translation profile
based on the 2-bit DPLLx translation profile select mode bit
field (where x is 0 or 1) in Bits[D3:D2] of Register 0x2105,
Bits[3:2] or 0x2205, Bits[3:2]. The DPLLx translation profile
select mode bit field supports four translation profile selection
modes:
•
Automatic, priority-based translation profile selection
(default)
•
Manual translation profile selection with fallback to
priority-based translation profile selection
•
Manual translation profile selection with fallback to
holdover
•
Manual only translation profile selection
To program the DPLLx translation profile select mode bit field,
select the corresponding mode (see Table 50).
Table 50. DPLLx Translation Profile Select Mode Settings
DPLLx Translation Profile
Select Mode (Decimal)
Description
0
Automatic, priority-based
translation profile selection
1
Manual translation profile
selection with fallback to priority-
based translation profile selection
2
Manual translation profile
selection with fallback to holdover
3
Manual only translation profile
selection
Manual Only Translation Profile Selection
The manual only translation profile selection mode (DPLLx
translation profile select mode = 3) is not a recommended
operating mode as it carries with it several operational caveats.
Contact ADI for application support on using the manual only
translation profile selection mode.
Manual Translation Profile Selection with Fallback to
Holdover
In the manual translation profile selection with fallback to
holdover mode (DPLLx translation profile select mode = 2), the
user specifies a particular translation profile for manual
operation using the 3-bit DPLLx assign translation profile bit
(where x is 0 or 1) in Bits[D6:D4] of Register 0x2105 or 0x2205.
The value (0 to 5) programmed into the DPLLx assign
translation profile bit field identifies the desired translation
profile, x.y, where y corresponds to the value in the DPLLx
assign translation profile bit field. If the specified translation
profile is not valid, the DPLL switches to holdover operation
(open loop). However, depending on the status of the tuning
word history processor (see the Tuning Word History section),
the DPLL may select freerun operation instead of holdover.
Manual Translation Profile Selection with Fallback to
Priority-Based Translation Profile Selection
In the manual translation profile selection with fallback to
priority-based translation profile selection mode (DPLLx
translation profile select mode = 1), the user specifies a
particular translation profile for manual operation in the same
manner as described in the Manual Translation Profile
Selection with Fallback to Holdover section. However, if the
selected profile is not valid, rather than switching to holdover
mode, the DPLL attempts to use the priority-based selection
process (see the Automatic, Priority-Based Translation Profile
Selection section for a description of priority-based selection).
If the DPLL is unable to find a translation profile per the
priority selection process, it switches to holdover or freerun
operation per Figure 84.
Automatic, Priority-Based Translation Profile Selection
The priority associated with a particular translation profile
depends on the programmed value of the 5-bit Profile x.y
selection priority bit field (where x is the DPLL channel (0 or 1)
and y is the profile (0 to 5)) in Bits[D5:D1] of register addresses:
0x1200, 0x1220, 0x1240, 0x1260, 0x1280, 0x12A0, 0x1600,
0x1620, 0x1640, 0x1660, 0x1680, and 0x16A0. The lower the
value stored in the Profile x.y selection priority bit field, the
higher the priority of the associated input reference source.
That is, 31 is the lowest (least favored) selection priority and 0
the highest (most favored) selection priority.
In the automatic, priority-based translation profile selection
mode (DPLLx translation profile select mode = 0), the DPLL
relies solely on the automatic priority selection process shown
in Figure 86 for choosing a translation profile. However, if the
DPLL is unable to find a translation profile per the priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com