Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 109 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 109 Page - Analog Devices

Back Button AD9545 Datasheet HTML 105Page - Analog Devices AD9545 Datasheet HTML 106Page - Analog Devices AD9545 Datasheet HTML 107Page - Analog Devices AD9545 Datasheet HTML 108Page - Analog Devices AD9545 Datasheet HTML 109Page - Analog Devices AD9545 Datasheet HTML 110Page - Analog Devices AD9545 Datasheet HTML 111Page - Analog Devices AD9545 Datasheet HTML 112Page - Analog Devices AD9545 Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 109 of 157
TIME TO DIGITAL CONVERTER (TDC)
Time to digital converters (TDCs) are at the core of the DPLL
technology in the AD9545. The purpose of a TDC is to
continuously observe a clock signal, note the occurrence of an
edge transition, and generate a digital time stamp identifying
when the edge occurred.
Because a TDC effectively digitizes rising edge clock events by
means of time stamps, it enables digital (that is, numeric)
processing of clock signals. In a conventional PLL, for example,
a PFD circuit measures the relative phase of the reference and
feedback signals and provides an analog representation of the
phase difference. Instead of an analog representation of the
phase difference, the AD9545 uses a pair of TDCs (one in the
reference path and one in the feedback path) to generate
reference and feedback time stamps, constituting a numeric
representation of the phase difference. With phase information
in numeric form, the AD9545 implements the entire PLL
function digitally by employing a digital PFD, digital loop filter
and a NCO.
Figure 87 shows a simplified diagram of a TDC. The TDC has a
time base clock (which gives the TDC its sense of time), an
input clock (the signal in question), and an output consisting of
numeric time stamps.
TIME STAMPS
ONE PER INPUT
CLOCK EDGE EVENT
TIME BASE CLOCK
INPUT CLOCK
TDC
Figure 87. TDC Diagram
The AD9545 contains eight TDCs:
•
Four associated with the four reference inputs at the output
of the reference dividers
•
Two associated with the two DPLLs at the output of the
feedback divider
•
Two auxiliary TDCs available to the user for general use
Each TDC produces digital time stamps identifying each rising
edge of its input clock. That is, the TDCs generate time stamps
at a rate commensurate with their respective input clock period.
It is up to the user, however, to ensure the TDC input clock rate
is within the specified range of 1 Hz to approximately 200 kHz.
The TDC time stamps derive from an internal time base that
originates with the device system clock. As such, the TDCs
benefit from the ability of the AD9545 to provide system clock
compensation, assuming the user activates system clock
compensation via Register 0x0280 to Register 0x0282 (see the
System Clock Compensation section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com