Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 111 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 111 Page - Analog Devices

Back Button AD9545 Datasheet HTML 107Page - Analog Devices AD9545 Datasheet HTML 108Page - Analog Devices AD9545 Datasheet HTML 109Page - Analog Devices AD9545 Datasheet HTML 110Page - Analog Devices AD9545 Datasheet HTML 111Page - Analog Devices AD9545 Datasheet HTML 112Page - Analog Devices AD9545 Datasheet HTML 113Page - Analog Devices AD9545 Datasheet HTML 114Page - Analog Devices AD9545 Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 111 of 157
TAGGED TIME STAMPS
A tagged time stamp is a time stamp with a special marker, or
tag, attached to it. Tagged time stamps allow the AD9545 to
embed a lower frequency clock within a higher frequency clock.
For example, by tagging every 10th edge of a clock signal, there
is a carrier signal (that is, the original clock signal) and a divide
by 10 version of the carrier embedded within it as a result of the
tagged time stamps.
The various time stamp sources within the AD9545 are capable
of generating tagged time stamps (the auxiliary NCOs, for
example). Likewise, certain time stamp destinations within the
AD9545 are capable of processing only tagged time stamps
while ignoring untagged time stamps (the user time stamp
processors, for example). However, the two DPLLs are the most
important of the time stamp destinations capable of using
tagged time stamps (see the Time Stamp Tagging Options
section).
Tagged Auxiliary NCO Time Stamps
The auxiliary NCOs generate time stamps coincident with the
expiration of each period defined by the programmed auxiliary
NCO frequency (that is, at the rollover point of the phase
accumulator). For example, a NCO frequency of 100 Hz results
in the generation of time stamps at a 100 Hz rate with each time
stamp 10 ms greater than the previous one.
The time stamp generator gives the user the option of tagging
auxiliary NCO time stamps via the 16-bit auxiliary NCO x tag ratio
bit fields (where x is 0 or 1) in Register 0x280B to Register 0x280C
and Register 0x284B to Register 0x284C.
The value represented by the auxiliary NCO x tag ratio bit field,
N, results in every Nth time stamp being tagged. That is,
auxiliary NCO x tag ratio = 1 means every other time stamp is
tagged, auxiliary NCO x tag ratio = 2 means every third time
stamp is tagged, 3 means every fourth time stamp is tagged, 4
means every fifth time stamp is tagged, and this pattern
continues up to 65,535. Note that auxiliary NCO x tag ratio = 0
(default) disables time stamp tagging (no tags).
The user can also shift the time position of the tagged flags via
the 16-bit auxiliary NCO x tag delta bit fields (where x is 0 or 1)
in Register 0x280D to Register 0x280E and Register 0x284D to
Register 0x284E. The auxiliary NCO x tag delta bit fields are
autoclearing bit fields. The value represented by the auxiliary
NCO x tag delta bit field, K, is a signed integer (twos
complement) indicating a number of fundamental periods of
the auxiliary NCO. Thus, for K = −3, the time stamp processor
tags time stamps three time stamps earlier than the Nth time
stamp locations indicated by the auxiliary NCO x tag ratio
value. K is effectively a phase shift of the tagged time stamp
period, where K < N.
Note that when the auxiliary NCO is the reference to the DPLL
for an active translation profile (see the Translation Profiles
section), shifting the time position of a tag is not valid and must
be avoided. When using the tag shift feature, be sure that any
translation profiles using the auxiliary NCO as a DPLL
reference are not enabled, or if they are enabled, that the
associated DPLL is in freerun or holdover mode.
Tagged Reference Time Stamps
Tags associated with time stamps originating from the reference
TDCs are the result of demodulating an embedded clock (see
the Distribution Embedded Output Clock Modulation section).
Sync events associated with demodulation generate tagged time
stamps. The user can program the DPLL to use the tagged time
stamps from a reference TDC.
Tagged Feedback Time Stamps
Tagged time stamps originating from the DPLL feedback path
are the result of sync events associated with the modulation
controller (see the Modulation Sync ssection). The user can
program the DPLL to use the tagged time stamps from a
feedback TDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com