Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 114 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 114 Page - Analog Devices

Back Button AD9545 Datasheet HTML 110Page - Analog Devices AD9545 Datasheet HTML 111Page - Analog Devices AD9545 Datasheet HTML 112Page - Analog Devices AD9545 Datasheet HTML 113Page - Analog Devices AD9545 Datasheet HTML 114Page - Analog Devices AD9545 Datasheet HTML 115Page - Analog Devices AD9545 Datasheet HTML 116Page - Analog Devices AD9545 Datasheet HTML 117Page - Analog Devices AD9545 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 114 of 157
TAGGED USER TIME STAMPS
The user time stamp processor can operate on tagged time stamps
from the various time stamp sources shown in Figure 88. When the
selected time stamp source is generating tagged time stamps, the
user can program the user time stamp processor to only pay
attention to the tagged time stamps, while ignoring untagged time
stamps. To enable tagged user time stamp processing program the
appropriate Time Stamp Only Tags x bit (where x is 0 or 1) in
Bit D5 of Register 0x2A12 and Register 0x2A13 to Logic 1.
USER TIME STAMP SYSTEM CLOCK
COMPENSATION
The user time stamp processors, like the TDCs, can benefit
from the system clock compensation capability. Because the
user time stamp processors rely on the auxiliary NCOs as a time
base reference, the source of the user time stamp processor and
its assigned auxiliary NCO TDCs must use the same system
clock compensation via the following bit fields (where x is 0 or 1),:
compensate auxiliary NCO x via auxiliary DPLL, compensate
auxiliary NCO x via DPLLx, and compensate auxiliary NCO x
via coefficients (shown in Figure 104 of the System Clock
Compensation section as auxiliary NCOx compensation
destination bits). Otherwise, the results from the user time
stamp processor are in error, because the time stamp source and
auxiliary NCO are using dissimilar time bases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com