Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 116 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 116 Page - Analog Devices

Back Button AD9545 Datasheet HTML 112Page - Analog Devices AD9545 Datasheet HTML 113Page - Analog Devices AD9545 Datasheet HTML 114Page - Analog Devices AD9545 Datasheet HTML 115Page - Analog Devices AD9545 Datasheet HTML 116Page - Analog Devices AD9545 Datasheet HTML 117Page - Analog Devices AD9545 Datasheet HTML 118Page - Analog Devices AD9545 Datasheet HTML 119Page - Analog Devices AD9545 Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 116 of 157
As such, it takes a minimum of N samples for the processor to
compute the desired average, after which it continues to update
the average one sample at a time. The skew measurement
processor provides the user with an indication that it has
captured the first block of N samples by setting the skew offset
full window bit in Bit D7 of Register 0x3A33 or the skew drift
full window bit in Bit D7 of Register 0x3A3B. These bits are
Logic 0 for the first N − 1 measurements in a sequence and
Logic 1 for the Nth measurement. As such, when the user reads
the skew offset or skew drift bit field, the measurement is fully
averaged if the corresponding skew offset full window or skew
drift full window bit is set. When these bits are cleared, offset or
drift readings captured are not fully averaged but are still
useable. The results, however, exhibit greater variance than a
fully averaged measurement.
Unlike the results from the user time stamp processor, the skew
measurement processor results are in absolute units of picosec-
onds. To access the time skew measurement processor results,
use the skew offset and skew drift bit fields.
The Skew offset bit field comprises a 62-bit signed integer (twos
complement) in Register 0x3A2C to Register 0x3A33. The skew
offset bit field represents time in units of 2−16 picoseconds (a
range of approximately ±35 sec). Skew offset measurements
assume the reference and measurement sources are of nearly the
same frequency. That is, skew is meaningless for two sources
with differing frequency, because the skew constantly drifts in
such a case. The skew measurement processor measures skew
relative to the user assigned skew reference source (the
processor computes a coarse average of the reference period).
The skew measurement processor determines the polarity of the
skew offset measurement by considering a time window
spanning ±½ unit interval (UI), where 1 UI is the measured
period of the reference source. A negative value means time
stamps from the measurement source lead time stamps from
the reference source by as much as ½ UI, whereas a positive
value means time stamps from the measurement source lag
time stamps from the reference source by as much as ½ UI.
Note that jitter can affect the polarity of the skew measurement
result.
Consider a skew offset value of 0x FFFFFF8A67324B5, which is
−31,567,174,475 decimal. Scale this by 2−16 ps to yield
−481,676.8566131591796875 ps. This result implies the
measurement source leads the reference source by
approximately 482 ns.
The skew drift bit field comprises a 62-bit signed integer (twos
complement) in Register 0x3A34 to Register 0x3A3B. The skew
drift bit field has units of picoseconds per unit interval (ps/UI).
That is, the value is relative to the measured period of the
reference source. Skew drift is a measure of the rate at which the
skew offset varies cycle by cycle.
Consider two signals with a nominal frequency of 100 Hz. A
skew drift value of 0x3FFFFFF8A67324B5 is −31,567,174,475
decimal. Scale this value by 2−16 ps/UI to yield
−481,676.8566131591796875 ps/UI. Because the reference
period is 10 ms, this result indicates the measurement source
period is decreasing 482 ns every 10 ms, implying a frequency
offset of −48.2 ppm (−482 ns/10 ms = −48.2 × 10−6).
Two signals with exactly the same frequency have no drift and
must yield a drift measurement of zero. However, if the
frequency difference is too great, it exceeds the limits of the
skew measurement processor, which is 1/16th UI. Upon
reaching this limit, the skew measurement processor sets the
skew limit exceeded bit in Bit D5 of Register 0x300C.
TAGGED SKEW MEASUREMENT TIME STAMPS
The skew measurement processor can operate on tagged time
stamps from the various time stamp sources shown in
Figure 90. When the selected skew reference and/or skew
measurement time stamp source is generating tagged time
stamps, the user can program the skew measurement processor
to only pay attention to the tagged time stamps, while ignoring
untagged time stamps. To enable tagged skew reference time
stamp processing, program the skew reference tags only bit in
Bit D5 of Register 0x2A15 to Logic 1. To enable tagged skew
measurement time stamp processing program the skew measure
tags only bit in Bit D5 of Register 0x2A16 to Logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com