Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 120 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 120 Page - Analog Devices

Back Button AD9545 Datasheet HTML 116Page - Analog Devices AD9545 Datasheet HTML 117Page - Analog Devices AD9545 Datasheet HTML 118Page - Analog Devices AD9545 Datasheet HTML 119Page - Analog Devices AD9545 Datasheet HTML 120Page - Analog Devices AD9545 Datasheet HTML 121Page - Analog Devices AD9545 Datasheet HTML 122Page - Analog Devices AD9545 Datasheet HTML 123Page - Analog Devices AD9545 Datasheet HTML 124Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 120 of 157
By default, the offset frequency value is zero; therefore, the
default output frequency is the center frequency. The main
purpose for the offset frequency is to give an external p rocessor
or controller that is limited to 32-bit processing capability the
ability of rapidly changing the output frequency. For example, it
is cumbersome for a 32-bit machine to compute the 56-bit
center frequency and then deliver it to the register map.
The 32-bit auxiliary NCO x offset frequency bit field alleviates
this problem because the user can initially program the
appropriate 56-bit center frequency and then use 32-bit offset
values to change the output frequency. The 32-bit offset value
allows a 32-bit machine to operate in its native 32-bit
environment and facilitates rapid changing of the output
frequency. The offset values offer less precise tuning than the
center frequency (2−24 Hz vs. 2−40 Hz resolution).
Depending on the tuning range for a given application, the user
can use a combination of the center and offset values to
minimize the number of 8-bit registers required to cover the
range, while obtaining better tuning resolution. For example, it
may be possible to select a center and offset value that allows
the offset to remain fixed over the tuning range yet constrains
tuning changes of the center value to the lower 8, 16, 24, or 32
bits of the auxiliary NCO x center frequency bit field. Using the
auxiliary NCO x center frequency bit field provides 2−40 Hz
tuning resolution (as opposed to 2−24 Hz tuning resolution for the
auxiliary NCO x offset frequency bit field).
AUXILIARY NCO PHASE OFFSET
In addition to specifying the frequency of the auxiliary NCO,
the user can specify a relative phase offset, via the signed (twos
complement) 40-bit auxiliary NCO x delta bit field (where x is 0
or 1) in Register 0x2814 to Register 0x2818 and Register 0x2854
to Register 0x2858. The units associated with auxiliary NCO x
delta bit field depend on the value of the auxiliary NCO x delta
type bit (where x is 0 or 1) in Bit D0 of Register 0x281F and
Register 0x284F.
When auxiliary NCO x delta type = 0, auxiliary NCO x delta
constitutes a signed absolute time offset with units of
picoseconds (a range of approximately ±0.55 sec, but the user
must limit the value to ±1 period of the auxiliary NCO). When
auxiliary NCO x delta type = 1, auxiliary NCO x delta
constitutes a signed relative offset specified as a fraction of the
period of the auxiliary NCO (a range of −½ UI to almost
+½ UI). In either case, if the user specifies an auxiliary NCO x
delta value exceeding the upper bound (that is, greater than 1
UI or |½ UI| per auxiliary NCO x delta type), the device sets the
auxiliary NCO x delta overflow to Logic 1 (where x is 0 or 1) in
Bit D7 of Register 0x3002 or Register 0x3002.
For the following two cases, to introduce a phase offset of
−15.5°assume an auxiliary NCO frequency of 10 kHz per the
auxiliary NCO x center frequency and auxiliary NCO x offset
frequency bit fields.
Case 1: Auxiliary NCO x Delta Type = 0
A phase offset of −15.5° corresponds to a time offset of
t = (−15.5/360)/(10 kHz)
= −4.3055555556 µs (to 10 decimal places)
Because auxiliary NCO x delta requires units of picoseconds,
Auxiliary NCO x Delta = (−4.3055555556 µs)/ps
= −4,305,556 (nearest integer)
= 0xFFFFBE4D6C (40-bit hexadecimal)
Case 2: Auxiliary NCO x Delta Type = 1
Because auxiliary NCO x delta type = 1, the phase offset must
be within ±180° to satisfy the ±½ UI range. A phase offset of
−15.5° satisfies this requirement; therefore,
UI = −15.5°/360°
= −0.0430555556 (to 10 decimal places)
Because the auxiliary NCO x delta bit field is a signed 40-bit
integer, scale the result by 240:
Auxiliary NCO x Delta = −0.0430555556 × 240
= −47,340,083,974 (nearest integer)
= 0xF4FA4FA4FA (40-bit hexadecimal)
When the user programs an auxiliary NCO x delta value and
asserts the IO_UPDATE bit, the AD9545 automatically imposes
a specified upper limit on how fast the phase can change (phase
slew). See the Auxiliary NCO Phase Slew Limit section for
details.
AUXILIARY NCO PHASE SLEW LIMIT
When the user requests the application of a phase offset on one
of the auxiliary NCOs (via the auxiliary NCO x delta bit field),
the AD9545 does not necessarily apply the full phase offset all at
once. Instead, the contents of the auxiliary NCO x delta rate
limit bit field (where x is 0 or 1) in Register 0x2810 to Register
0x2813 and Register 0x2850 to Register 0x 2853 controls how
the device implements the phase offset.
When auxiliary NCO x delta rate limit = 0, normal phase offset
control ensues. That is, the device applies whatever phase offset
value is in the auxiliary NCO x delta bit field all at once.
When auxiliary NCO x delta rate limit ≠ 0, the device gradually
introduces phase changes by regulating the rate at which the
phase changes occur to prevent exceeding the limit
programmed in the auxiliary NCO x delta rate limit bit field.
The device keeps track of the total phase change and terminates
the process when the total phase change satisfies the value
established by the auxiliary NCO x delta bit field.
The auxiliary NCO x delta rate limit bit field constitutes a 32-bit
unsigned number. The units are 2−36 UI/UI, where UI is the unit
interval of the associated auxiliary NCO (1 UI is the reciprocal
of the programmed frequency of the auxiliary NCO). That is,
the user specifies the maximum rate of change of phase as
fractions of a cycle per cycle. The user must program the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com