Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 123 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 123 Page - Analog Devices

Back Button AD9545 Datasheet HTML 119Page - Analog Devices AD9545 Datasheet HTML 120Page - Analog Devices AD9545 Datasheet HTML 121Page - Analog Devices AD9545 Datasheet HTML 122Page - Analog Devices AD9545 Datasheet HTML 123Page - Analog Devices AD9545 Datasheet HTML 124Page - Analog Devices AD9545 Datasheet HTML 125Page - Analog Devices AD9545 Datasheet HTML 126Page - Analog Devices AD9545 Datasheet HTML 127Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 123 of 157
TEMPERATURE SENSOR
THRESHOLD
DETECTOR
16
INTERNAL TEMPERATURE
TEMPERATURE
WARNING
TO SYSTEM CLOCK
COMPENSATION
TO DPLL0 DELAY
COMPENSATION
TO DPLL1 DELAY
COMPENSATION
IRQ MAP
TEMPERATURE
SENSOR
TEXT
16
1
0
1
0
1
0
16
16
16
16
16
EXTERNAL TEMPERATURE
TEMPERATURE
ALARM
= BIT(S) IN THE REGISTER MAP
HIGH
TEMPERATURE
THRESHOLD
LOW
TEMPERATURE
THRESHOLD
SELECT SYSCLK
TEMPERATURE
COMPENSATION
SOURCE
SELECT DPLL0
DELAY
TEMPERATURE
COMPENSATION
SOURCE
SELECT DPLL1
DELAY
TEMPERATURE
COMPENSATION
SOURCE
Figure 95. Temperature Sensor Block Diagram
TEMPERATURE SENSOR OVERVIEW
Figure 95 shows a block diagram of the temperature sensor and
supporting circuitry. Three AD9545 functional blocks are
capable of using temperature values.
•
System clock compensation
•
DPLL0 delay compensation
•
DPLL1 delay compensation
Each of these functional blocks can receive temperature values
from two sources:
•
The internal temperature sensor (default)
•
The 16-bit external temperature bit field (which follows the
temperature format shown in Figure 96)
TEMPERATURE SOURCE SELECTION
The user selects the desired temperature source for each of the
temperature compensation functional blocks via Bits[D2:D0] of
Register 0x2902. The select SYSCLK temperature compensation
source bit controls the routing of the temperature source to the
system clock compensation block (see the Compensation Method 1
section). The select DPLLx temperature compensation source
bits (where x is 0 or 1) control the routing of the temperature
source to the DPLL0 and DPLL1 delay compensation block (see
the Delay Compensation section). For each of the temperature
compensation source bits, Bits[D2:D0], in Register 0x2092,
Logic 0 (default) selects the internal temperature sensor,
whereas Logic 1 selects the external temperature source (see the
External Temperature Source section).
INTERNAL TEMPERATURE SENSOR
The AD9545 has an internal temperature sensor with a digital
output (see Figure 95). The sensor reflects the temperature of
the silicon die, which the user can read via the internal
temperature bit field in Register 0x3003 to Register 0x3004. The
temperature sensor indicates temperature as a 16-bit signed
(twos complement) number scaled by 2−7, as shown in Figure 96.
This format provides a range of ±256°C with 0.0078°C
resolution.
0
15
7
6
...
...
2–7
INTEGER PART
FRACTIONAL
PART
DECIMAL
POINT
16-BIT TEMPERATURE
Figure 96. Temperature Format
The sensor samples at approximately 25 MHz and performs a
212 sample average providing updates at a rate of approximately
6.1 kHz. The intent of the temperature sensor is for tracking
temperature variation rather than providing a measure of
absolute temperature.
Given internal temperature = 0x118D (4493 decimal), find the
corresponding temperature, T.
T = 4493 × 2−7
°C
= 35.1015625°C
Given internal temperature = 0xF833 (−1997 decimal),
T = −1997 × 2−7°C
= −15.6015625°C
The temperature sensor also routes to a threshold detector. The
threshold detector detects when temperature readings are
outside the range specified by the 16-bit high temperature
threshold (Register 0x2905 to Register 0x2906) and low
temperature threshold (Register 0x2903 to Register 0x2904) bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com