Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 124 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 124 Page - Analog Devices

Back Button AD9545 Datasheet HTML 120Page - Analog Devices AD9545 Datasheet HTML 121Page - Analog Devices AD9545 Datasheet HTML 122Page - Analog Devices AD9545 Datasheet HTML 123Page - Analog Devices AD9545 Datasheet HTML 124Page - Analog Devices AD9545 Datasheet HTML 125Page - Analog Devices AD9545 Datasheet HTML 126Page - Analog Devices AD9545 Datasheet HTML 127Page - Analog Devices AD9545 Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 124 of 157
fields. When programming these bit fields, use the temperature
format shown in Figure 96.
If the output value of the temperature sensor falls outside the
specified limits, the temperature alarm bit in Bit D0 of
Register 0x3002 assumes a Logic 1 state (otherwise, it is
Logic 0). The temperature alarm bit allows the user to check the
status of the threshold detector in real time.
The temperature alarm bit is the source of the temperature
warning bit in Bit D4 of Register 0x300C. The temperature
warning bit allows the user to set up automatic notification of a
temperature threshold detection event via the IRQ mechanism
(see the Interrupt Request (IRQ) section).
EXTERNAL TEMPERATURE SOURCE
The external temperature source constitutes a temperature
value programmed into the external temperature bit field in
Register 0x2900 to Register 0x2901. Note that although the
internal temperature sensor properly scales temperature values
for use by the internal temperature compensation functional
blocks automatically, the user must scale the external
temperature values properly.
The external temperature bit field represents temperature in
units of °C × 2−7 (see Figure 96). This format yields a
temperature range of ±256°C with 0.0078°C resolution.
To program an external temperature value of 95°C,
External Temperature = 95/2−7
= 12,160
= 0x2F80 (hexadecimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com