Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 127 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 127 Page - Analog Devices

Back Button AD9545 Datasheet HTML 123Page - Analog Devices AD9545 Datasheet HTML 124Page - Analog Devices AD9545 Datasheet HTML 125Page - Analog Devices AD9545 Datasheet HTML 126Page - Analog Devices AD9545 Datasheet HTML 127Page - Analog Devices AD9545 Datasheet HTML 128Page - Analog Devices AD9545 Datasheet HTML 129Page - Analog Devices AD9545 Datasheet HTML 130Page - Analog Devices AD9545 Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 127 of 157
COMPENSATION METHOD 1
Compensation method 1 employs the open-loop method of
system clock compensation (see the Open-Loop Method
section). As shown in Figure 99, Compensation Method 1 takes
the polynomial coefficients (Cx) and a temperature value (T) to
compute a compensation factor (CF1). Compensation Method 1
differs slightly from the open-loop method by the inclusion of a
digital filter (see the Digital Filter section).
POLYNOMIAL
CALCULATOR
C0 C1 C2 C3 C4 C5
T
DIGITAL
FILTER
COEFFICIENT
OUTPUT FILTER
CUT OFF
CF1
Figure 99. Compensation Method Number 1
Program the coefficients via Register 0x028A to Register 0x029C.
The temperature value comes from the internal temperature
sensor or a temperature register (see the Temperature Sensor
section for details). The CF1 compensation factor applies to the
designated NCOs and TDCs to correct for frequency variations
of the system clock source. CF1 embodies the factor, 1 +
FFECOMP, shown in Figure 97.
How to Derive Coefficients from Frequency Data
To compensate for the frequency variation of the system clock
source, knowledge of the frequency vs. temperature profile is a
necessity. Generally, the temperature profile of the source is a
table of temperature values with corresponding values of the
source frequency. Table 53 shows a hypothetical example of a
25 MHz source in the two leftmost columns.
Table 53. Example 25 MHz Source Data
Temperature
(°C)
Frequency
(MHz)
FFE (×10−6)
FPE
(×10−6)
−20
24.9757265855
−970.93658
971.88021
−10
24.9745666538
−1017.33385
1018.36987
0
24.9751062576
−995.74970
996.74220
10
24.9758628851
−965.48459
966.41766
20
24.9780535472
−877.85811
878.62943
30
24.9789426612
−842.29355
843.00361
40
24.9809631193
−761.47523
762.05552
50
24.9810049826
−759.80070
760.37843
60
24.9800392641
−798.42944
799.06744
70
24.9777091418
−891.63433
892.43005
80
24.9742106356
−1031.57458
1032.63982
Because the AD9545 implements compensation in terms of
fractional error, it is necessary to convert the frequencies in
Table 53 to FFE values (refer to the System Clock Compensation
Overview section). Table 53 shows the resulting FFE values.
However, Compensation Method 1 generates CF1 as a time error
correction rather than a frequency error correction; therefore,
the user must convert the FFE data to fractional period error
(FPE) data (refer to the System Clock Compensation Overview
section for the conversion formula). Table 53 shows the
resulting FPE values. From the calculated FPE values, find the
coefficients (Cx) that best fit the FPE data, which generally
involves mathematical regression techniques using specialized
mathematical software tools.
Applying such regression techniques to the hypothetical FPE
values in Table 53 yields the following coefficients:
C0
= 1.0046936 × 10−3
C1
= −2.8927765 × 10−6
C2 = −1.9110192 × 10−7
C3
= 2.2493907 × 10−9
C4
= 2.7943570 × 10−11
C5
= −2.4817310 × 10−13
Figure 100 shows the FPE vs. temperature curve resulting from
these coefficients. The trace is the predicted FPE vs.
temperature curve based on the coefficients, and the solid
points are the temperature vs. FPE data from Table 53.
1400
1300
1200
1100
1000
900
800
700
600
–50 –40 –30 –20 –10
0
10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
Figure 100. FPE vs. Temperature
Given a set of coefficients like C0 to C5, the user must convert
the numeric values to suitable register contents (see the
Programming the Coefficients (Ck) for Compensation Method 1
section for details).
Programming the Coefficients (Ck) for Compensation
Method 1
Compensation Method 1 makes use of six coefficients, Cx,
where the Index x ranges from 0 to 5. The user programs the
constant coefficient, C0, which is independent of the temperature
parameter, via the signed 40-bit constant compensation value
bit field in Register 0x0289 to Register 0x028D. The relationship
between C0 and the value stored in the constant compensation
value (CV) bit field is:
Constant CV = C0/2−45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com