Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 131 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 131 Page - Analog Devices

Back Button AD9545 Datasheet HTML 127Page - Analog Devices AD9545 Datasheet HTML 128Page - Analog Devices AD9545 Datasheet HTML 129Page - Analog Devices AD9545 Datasheet HTML 130Page - Analog Devices AD9545 Datasheet HTML 131Page - Analog Devices AD9545 Datasheet HTML 132Page - Analog Devices AD9545 Datasheet HTML 133Page - Analog Devices AD9545 Datasheet HTML 134Page - Analog Devices AD9545 Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 131 of 157
SYSTEM
CLOCK
SOURCE
fSRC
STABLE
FREQUENCY
SOURCE
XOA XOB
SYSTEM
CLOCK PLL
fS
FTW
DIGITAL
PHASE
DETECTOR
FTW
ANALYZER
AUXILIARY DPLL
fNCO
CF3
REFERENCE
MONITOR
REFx NOMINAL PERIOD
AUXILIARY x PERIOD
OR
AUXILIARY DPLL
BANDWIDTH
16
COMPx
LOCK
DETECTOR
DIGITAL
LOOP
FILTER
NCO
fREF
AD9545
REFERENCE
DIVIDER
AND TDC
Figure 102. Compensation Method Number 3
Auxiliary DPLL Loop Bandwidth
The user controls the loop bandwidth of the auxiliary DPLL
servo loop via the unsigned 16-bit auxiliary DPLL bandwidth
bit field in Register 0x0285 to Register 0x0286. The loop
bandwidth of the auxiliary DPLL is 0.1 Hz scaled by the value of
the auxiliary DPLL bandwidth bit field.
Given a desired loop bandwidth of 247.63 Hz, determine the
appropriate value of the auxiliary DPLL bandwidth bit field by
the following:
Auxiliary DPLL Bandwidth = (247.63 Hz)/(0.1 Hz)
= 2476 (nearest integer)
= 0x09AC (hexadecimal)
The programmed bandwidth affects how long it takes the
auxiliary DPLL to lock to the stable reference: the lower the
bandwidth, the longer it takes the auxiliary DPLL to lock. The
programmed bandwidth also affects the ability of the auxiliary
DPLL to track variations of the system clock frequency.
Specifically, a relatively stable, slowly varying system clock
frequency allows the use of a low loop bandwidth, whereas a
system clock exhibiting more rapid frequency variations
requires a wider loop bandwidth. For example, using an OCXO
as the system clock reference allows the use of a 0.1 Hz loop
bandwidth, whereas a standard crystal oscillator necessitates a
loop bandwidth in excess of 50 Hz.
Auxiliary DPLL Status
The auxiliary DPLL has a dedicated reference monitor to
provide indication that the reference period is within limits.
The reference monitor relies on user input of the expected
reference period via the appropriate REFx nominal period or
Auxiliary x period bit fields. The reference monitor status is
available via the auxiliary DPLL unfaulted and auxiliary DPLL
faulted bits in Bits[D3:D2] of Register 0x300C or via the
auxiliary DPLL reference fault bit in Bit D2 of Register 0x3002.
The auxiliary DPLL has a builtin lock detector for indicating
lock status. The lock/unlock thresholds for the lock detector are
fixed and not user programmable. The lock detector status is
available via the auxiliary DPLL unlocked and auxiliary DPLL
locked bits in Bits[D1:D0] of Register 0x300C or via the
auxiliary DPLL lock detect bit in Bit D1 of Register 0x3002.
Auxiliary DPLL Reference Monitor
Under normal conditions, the auxiliary DPLL continuously
updates CF3 computations with each rising edge event to the
TDC associated with the stable reference. Under certain
conditions, however, the auxiliary DPLL can enter a holdover
state, for example,
•
The user programs auxiliary DPLL bandwidth = 0
•
The reference period error exceeds ±1%
When the auxiliary DPLL is in the holdover state, it is
effectively in an open-loop condition (that is, the NCO output
is static). As such, the auxiliary DPLL holds the CF3 value that
existed just prior to entering the holdover state. Therefore, it is
not possible to ascertain further stability information until the
loop resumes normal operation. When the condition that
forced holdover no longer exists, however, the auxiliary DPLL
returns to closed-loop operation and resumes updating CF3
(that is, when the lock detector indicates a lock condition).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com