Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 133 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 133 Page - Analog Devices

Back Button AD9545 Datasheet HTML 129Page - Analog Devices AD9545 Datasheet HTML 130Page - Analog Devices AD9545 Datasheet HTML 131Page - Analog Devices AD9545 Datasheet HTML 132Page - Analog Devices AD9545 Datasheet HTML 133Page - Analog Devices AD9545 Datasheet HTML 134Page - Analog Devices AD9545 Datasheet HTML 135Page - Analog Devices AD9545 Datasheet HTML 136Page - Analog Devices AD9545 Datasheet HTML 137Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 133 of 157
Table 57. Compensation Rate Limiting
Binary Value of the Slew Rate Limit Bit Field
Rate Limit
000
None
001
0.715
010
1.430
011
2.860
100
5.720
101
11.44
110
22.88
111
45.76
Compensation Assignment Guidelines
When a user time stamp processor (see the User Access to Time
Stamps section) is in use, the auxiliary NCO associated with
that user time stamp processor as well as the time stamp source
to that user time stamp processor must both use the same
COMPx factor. That is, the user must program identical values
in the bit field of the REFx/auxiliary TDC compensation
destination associated with the user time stamp processor
source and in the bit field of the auxiliary NCO 0 (or auxiliary
NCO 1) compensation destination serving as the reference time
source for the user time stamp processor (see Figure 104).
To avoid a positive feedback loop in the integrated
compensation subsystem, do not assign COMPx sources
involving CF2 in Table 56 to the following compensation
destinations:
•
DPLL0 NCO compensation destination when the DPLL
channel error source bit is Logic 0
•
DPLL1 NCO compensation destination when the DPLL
channel error source bit is Logic 1
Likewise, do not assign COMPx sources involving CF3 in Table 56
to the auxiliary DPLL.
SYSTEM CLOCK COMPENSATION PROGRAMMING
REGISTERS
System clock compensation comprises three compensation
methods and six compensation destinations. Three 8-bit
registers constitute the function of the distributor in Figure 103.
The three registers function as a connection matrix with six
3-bit fields distributed over the three registers (see Figure 104).
Each 3-bit field associates with one of the six compensation
destinations:
•
Auxiliary DPLL
•
REFX TDCs and auxiliary TDCs
•
Auxiliary NCO 0
•
Auxiliary NCO 1
•
DPLL 0
•
DPLL 1
The value of the 3-bit field for a given destination establishes
the COMPx factor applied to that destination (see the Integrated
Compensation Subsystem section for details).
The compensation methods relate to columns in the bit field
matrix of Figure 104, whereas the compensation destinations
relate to rows. Organizing the compensation bit field matrix in
this way enables any compensation destination to receive any
one of the eight possible COMPx signals (see Figure 103).
Certain compensation destinations have constraints on which
compensation methods apply (see the Compensation
Assignment Guidelines section).
To provide system clock compensation to Auxiliary NCO 0, use
a combination of Compensation Method 1 and Compensation
Method 3.
First, determine the appropriate compensation destination bit
field per Figure 104. In this case, Bits[D2:D0] of Register 0x0281
applies because the compensation destination is auxiliary NCO 0.
Next, determine the 3-bit code to write to Bits[D2:D0] of Register
0x0281 per the leftmost column of Table 56 corresponding to the
appropriate COMPx. In this case, the code is 5 (101 binary) because
it uses CF1 and CF3 per the middle column of Table 56. In
conclusion, by programming Bits[D2:D0] = 5 in Register 0x0281,
auxiliary NCO 0 receives both Compensation Method 1 and
Compensation Method 3.
D7
NOT USED
AUXILIARY DPLL NCO 1
COMPENSATION DESTINATION
DPLL 1 NCO
COMPENSATION DESTINATION
AUXILIARY DPLL NCO
COMPENSATION
DESTINATION
D6
D5
D4
D3
REFX/AUXILIARY TDC
COMPENSATION DESTINATION
D2
D1
D0
AUXILIARY NCO 0
COMPENSATION DESTINATION
DATA
BITS
0x0280
0x0281
0x0282
CF3
CF2
CF1
CF3
CF2
CF1
NOT USED
NOT USED
NOT USED
NOT USED
DPLL 0 NCO
COMPENSATION DESTINATION
NOT USED
Figure 104. System Clock Compensation Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com