Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 137 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 137 Page - Analog Devices

Back Button AD9545 Datasheet HTML 133Page - Analog Devices AD9545 Datasheet HTML 134Page - Analog Devices AD9545 Datasheet HTML 135Page - Analog Devices AD9545 Datasheet HTML 136Page - Analog Devices AD9545 Datasheet HTML 137Page - Analog Devices AD9545 Datasheet HTML 138Page - Analog Devices AD9545 Datasheet HTML 139Page - Analog Devices AD9545 Datasheet HTML 140Page - Analog Devices AD9545 Datasheet HTML 141Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 137 of 157
INTERRUPT REQUEST (IRQ)
IRQ OVERVIEW
The AD9545 monitors certain internal device events, potentially
allowing them to trigger an IRQ event. Three groups of registers
(see Figure 106) control the IRQ functionality within the AD9545:
•
IRQ status registers (Register 0x300B through
Register 0x3019)
•
IRQ mask registers (Register 0x010C through
Register 0x011A)
•
IRQ clear registers (Register 0x2006 through Register 0x2014)
The IRQ logic can indicate an IRQ event status result for any
specific device events via the logical OR of the status of all the
IRQ monitor bits. In addition, the IRQ logic offers IRQ event
status results for particular groups of specific IRQ events,
namely, the PLL0 IRQs, PLL1 IRQs, and common IRQs (see
Figure 106).
The PLL0 IRQ group includes all device events associated with
DPLL0 and APLL0. The PLL1 IRQ group includes all device
events associated with DPLL1 and APLL1. The common IRQ
group includes events associated with the system clock, the
watchdog timer, and the EEPROM.
IRQ MONITOR
The IRQ monitor registers (in the general status section of the
register map) maintain a record of specific IRQ events. The
occurrence of a specific device event results in the setting and
latching of the corresponding bit in the IRQ monitor. The
output of the IRQ monitor provides the mechanism for
generating IRQ event status results (see the PLL0 IRQ, PLL1 IRQ,
common IRQ, or any IRQ signal shown in Figure 106).
IRQ MASK
The IRQ mask registers (in the Mx pin status and control section
of the register map) comprise a bit for bit correspondence with
the specific IRQ event bits within the IRQ monitor. Writing a
Logic 1 to a mask bit enables (unmasks) the corresponding
specific device event to the IRQ monitor. A Logic 0 (default)
disables (masks) the corresponding specific device event to the
IRQ monitor. Therefore, a specific IRQ event is the result of a
logical AND of a specific device event and its associated IRQ,
mask bit.
The presence of the IRQ mask allows the user to select certain
device events for generating an IRQ event, while ignoring
(masking) all other specific device events from contributing to
an IRQ event status result (PLL0 IRQ, PLL1 IRQ, common IRQ,
or any IRQ signal in Figure 106).
The default state of the IRQ mask register bits is Logic 0;
therefore, the device is not capable of generating an IRQ event
status result until the user populates the IRQ mask with a Logic
1 to unmask the desired specific IRQ events. Writing a Logic 1
to an IRQ mask bit may result in immediate indication of an IRQ
status event result if the corresponding specific device event is
already asserted (that is, the device previously registered the
corresponding device event).
IRQ CLEAR
The IRQ clear registers (in the operational controls section of
the register map) comprise a bit for bit correspondence with
the IRQ monitor. Writing a Logic 1 to an IRQ clear bit forces
the corresponding IRQ monitor bit to Logic 0, thereby clearing
that specific IRQ event. Note that the IRQ clear registers are
autoclearing; therefore, after writing a Logic 1 to any IRQ clear bit
in Register 0x2006 to Register 0x2014, the device automatically
restores the IRQ clear bit to Logic 0. The IRQ event status
results remain asserted until the user clears all of the bits in the
IRQ monitor responsible for the IRQ status result (that is, the
entire group of status bits associated with PLL0 IRQ, PLL1 IRQ,
common IRQ, or any IRQ signal shown in Figure 106).
Although it is not recommended, in certain applications, it
may be desirable to clear an entire IRQ group all at one time.
Register 0x2005 provides four bits for clearing IRQ groups.
Bit D0 clears all IRQ monitor bits. Bit D1 clears the common
IRQ bits. Bit D2 clears the PLL0 IRQ bits. Bit D3 clears the
PLL1 IRQ bits.
Alternatively, the user can program any of the multifunction
pins as an input for clearing an IRQ group, which allows
clearing an IRQ group with an external logic signal rather than
by writing to Register 0x2005 (see Figure 106).
The recommendation for clearing IRQ status events is to first
service the specific IRQ event (as needed) and then clear the
specific IRQ for that particular IRQ event. Clearing IRQ groups
via Register 0x2005 or via an Mx pin requires great care.
Clearing an IRQ group all at one time may result in the
unintentional clearing of one or more asserted IRQ monitor
bits. Clearing asserted IRQ monitor bits eliminates the record of
the associated device events, subsequently erasing any history of
those events having occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com