Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 135 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 135 Page - Analog Devices

Back Button AD9545 Datasheet HTML 131Page - Analog Devices AD9545 Datasheet HTML 132Page - Analog Devices AD9545 Datasheet HTML 133Page - Analog Devices AD9545 Datasheet HTML 134Page - Analog Devices AD9545 Datasheet HTML 135Page - Analog Devices AD9545 Datasheet HTML 136Page - Analog Devices AD9545 Datasheet HTML 137Page - Analog Devices AD9545 Datasheet HTML 138Page - Analog Devices AD9545 Datasheet HTML 139Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 135 of 157
When the start-up conditions select the serial port to be I2C
mode (that is, M4 is Logic 1 at startup), the M5 and M6 pins
determine the I2C port device address offset, per Table 59. The
logic levels in Table 59 only apply during a power-up or reset
operation.
Table 59. I²C Device Address Offset
M6
M5
M4
Address Offset
X1
X1
0
Not applicable
0
0
1
1001000 (0x48)
0
1
1
1001001 (0x49)
1
0
1
1001010 (0x4A)
1
1
1
1001011 (0x4B)
1 X means don’t care.
STATUS FUNCTIONALITY
Configuring an Mx pin as a status pin gives the user access to
specific internal device status/IRQ functions in the form of a
hardware pin that produces a logic signal. Each Mx pin has a
corresponding Mx function register. To assign an Mx pin as a
status pin, write a Logic 1 to the Mx output enable bit in the
corresponding Mx pin function register (Register 0x0102 to
Register 0x0108).
To assign a specific status/IRQ function to an Mx pin configured as
a status pin, program the appropriate 7-bit code to Bits[D6:D0] of
the corresponding Mx function register. See the Interrupt Request
(IRQ) section for details regarding IRQ functionality.
When configured as a status pin, the output mode of an Mx pin
depends on a 2-bit mode code per Table 60. The 2-bit codes reside
in Register 0x100 through Register 0x101, where the 2-bit codes
constitute the Mx receiver/driver bit fields. The Mx receiver/driver
bit fields perform a different function when the Mx pin is a control
pin (see the Control Functionality section).
Table 60. Mx Receiver/Driver Bit Field Codes for Mx Status Pins
Code
Mode
Description
00
CMOS,
active high
Output is Logic 0 when deasserted and
Logic 1 when asserted (default operating
mode).
01
CMOS,
active low
Output is Logic 1 when deasserted and
Logic 0 when asserted.
10
PMOS,
open drain
Output is high impedance when deasserted
and active high when asserted.
11
NMOS,
open drain
Output is high impedance when deasserted
and active low when asserted.
The PMOS open-drain mode requires an external pull-down
resistor. The NMOS open-drain mode requires an external pull-up
resistor. The open-drain modes enable the implementation of
wire-OR’ed functionality of multiple Mx status pins (including
Mx status pins across multiple AD9545 devices or other compatible
devices—for example, to implement an IRQ bus).
The drive strength of an Mx status pin is programmable via the
corresponding Mx configuration bits (Bits[D6:D0] of the pin
drive strength register). Logic 0 (default) selects normal drive
strength (~6 mA) and Logic 1 selects weak drive strength (~3 mA).
CONTROL FUNCTIONALITY
Configuring an Mx pin as a control pin gives the user control of the
specific internal device functions via an external hardware logic
signal. Each Mx pin has a corresponding Mx function register. To
assign an Mx pin as a control pin, write a Logic 0 to the Mx output
enable bit in the corresponding Mx function register (Register
0x0102 to Register 0x0108).
To assign an Mx control pin to a specific function, program the
appropriate 7-bit code to Bits[D6:D0] of the corresponding Mx
function register. See the Interrupt Request (IRQ) section for
details regarding IRQ functionality.
When configured as an Mx control pin, the logical level applied to
the Mx pin translates to the selected device function. It is also
possible to assign multiple Mx control pins to the same control
function with the multiple pins implementing a Boolean expres-
sion. The Boolean operation associated with an Mx control pin
depends on a 2-bit code per Table 61. The 2-bit codes reside in
Register 0x100 through Register 0x101, where the 2-bit codes
constitute the Mx receiver/driver bit fields. The Mx receiver/driver
bit fields perform a different function when the Mx pin is a status
pin (see the Status Functionality section).
Table 61. Mx Receiver/Driver Bit Field Codes for Mx Control
Pins
Code
Boolean
Description
00
AND
Logical AND the associated Mx control pin
with the other Mx control pins assigned to
the same control function.
01
NOT AND
Invert the logical state of the associated Mx
control pin and AND it with the other Mx
control pins assigned to the same control
function.
10
OR
Logical OR the associated Mx control pin with
the other Mx control pins assigned to the
same control function.
11
NOT OR
Invert the logical state of the associated Mx
control pin and OR it with the other Mx control
pins assigned to the same control function.
The Boolean functionality of aggregated Mx control pins follows a
hierarchy whereby logical OR operations occur before logical AND
operations. The OR and NOT OR operations are collectively
grouped into a single result. A logical AND is then performed
using that result and the remaining AND and NOT AND
operations.
Consider a case where M0, M2, M3, and M6 are configured as
control pins and are assigned to the input/output update control
function; that is, Bits[D6:D0] = 0x01 in Register 0x0102,
Register 0x0104, Register 0x0105, and Register 0x0108.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com