Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 45 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9545 Datasheet HTML 41Page - Analog Devices AD9545 Datasheet HTML 42Page - Analog Devices AD9545 Datasheet HTML 43Page - Analog Devices AD9545 Datasheet HTML 44Page - Analog Devices AD9545 Datasheet HTML 45Page - Analog Devices AD9545 Datasheet HTML 46Page - Analog Devices AD9545 Datasheet HTML 47Page - Analog Devices AD9545 Datasheet HTML 48Page - Analog Devices AD9545 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 45 of 157
As such, the reference monitor remains in a reset state until the
system clock status is locked and stable, at which time the
reference monitor state machine activates.
The AD9545 has the ability to perform system clock
compensation (see the System Clock Compensation section).
The user has the option to enable the reference monitor to use
the compensated system clock for estimating the reference
period (assumes programming of the appropriate system clock
compensation controls).
REFERENCE PERIOD JITTER ESTIMATION
The main purpose of the reference monitor is to verify the
reference period satisfies the requirements per the tREF, ΔTOL,
ΔHYS, and JTOL parameters provided by user input via the
register map. Ideally, if the reference signal is completely jitter
free, the reference monitor can verify the reference period by
simply measuring the time between successive rising edges.
However, real-world signals are inherently noisy and possess
timing jitter.
Jitter introduces uncertainty in the time measurement between
successive rising edges of the reference signal. Not only is this
true for the reference signal, but also for the internal time base
the monitor uses to make its measurements. Both jitter sources
compromise the ability of the monitor to determine when the
reference is truly in or out of tolerance. That is, jitter dilutes the
confidence of the monitor in making an accurate decision. The
device has no inherent knowledge of the magnitude or spectral
distribution of the jitter present on a particular reference.
Furthermore, the jitter characteristics can vary over time.
Because the monitor uses numeric time stamps to measure the
reference period, it can estimate the variance of the reference
signal as it observes period samples. The variance estimate gives
the monitor some idea of the actual jitter present on the
reference signal. By comparing the variance estimate with the
ΔTOL value provided by the user, the monitor determines how
many period samples are needed to arrive at a period estimate
with sufficient confidence to make an in or out of tolerance
decision. This algorithm enables the monitor to perform a high
confidence period estimate using a nearly optimal minimum
observation time.
Another benefit of this statistical approach to monitoring the
reference period is the monitor does not need to measure the actual
period of the reference. It only needs to estimate the deviation of
the period relative to the scaled TREF value to a sufficiently high
degree of confidence. The reference monitor algorithm has the
necessary confidence requirement built into its design.
Because the reference monitor is able to assess the amount of
reference jitter present via its variance estimate, it has the ability
to determine if there is excessive jitter on the input signal and
indicate such via the JEXCESS status indicator. JEXCESS status is via
the REFx excess jitter bit (where x is A, AA, B, or BB) in Bit D2
of Register 0x3005 to Register 0x3008. Excessive jitter is jitter
greater than the predefined threshold limit as defined by the
input of the user determined JTOL value (see the Reference
Monitor Controls section).
REFERENCE MONITOR DECISION TIME
The reference period estimation algorithm takes into account
the value of ΔTOL specified by the user (see the Reference
Monitor Controls section) and the actual jitter present on the
reference signal. In general, it is the ratio of the square root of
the measured jitter variance to ΔTOL that governs the decision
time of a marginally out of tolerance reference signal. The
smaller the variance of the measured jitter, the less averaging
that is necessary and the shorter the decision making time. The
key point is that it is both the value of ΔTOL and the actual
jitter present that governs the decision time for declaring an out
of tolerance condition. That is, the decision time is not
deterministic.
Although jitter plays a role in the decision time of the reference
monitor under normal operation, it has little effect on the
decision time when the reference period is much greater than
the scaled tREF value (that is, tREF divided by the R-divider factor)
or when the reference signal disappears completely. The
reference monitor relies on time stamps generated by reference
signal edges to perform a reference period estimation. Thus, a
catastrophic loss of the reference signal is problematic, as the
reference signal edges cease to exist, thereby stalling the period
estimation process of the reference monitor.
However, because the reference monitor knows the scaled tREF
value, it can rely on its local time base to watch for the next
expected TDC input edge (note the reference monitor allows
15% excess margin for its expectation of the next reference
input edge). If the reference monitor fails to observe the next
reference input edge within a period of 115% of the scaled tREF
value, then the monitor declares a loss of signal (LOS), see
Figure 43. LOS status is via the REFx LOS bit (where x is A, AA,
B, or BB) in Bit D5 of Register 0x3005 to Register 0x3008.
After the first assertion of the LOS status bit, the LOS bit toggles
on each subsequent occurrence of the expected period of the
reference. Therefore, the LOS bit is not a reliable indicator of
the loss of the reference signal. Instead, the user relies on the
OOT signal as an indicator of the loss of the signal.
REFERENCE VALIDATION
When a reference is in a faulted state (OOT = 1, see Figure 43),
the reference monitor continues to monitor the reference signal
for an in tolerance condition. When the reference returns to in
tolerance, OOT = 0, indicates a nonfaulted condition. OOT
status is via the REFx fault bit (where x is A, AA, B, or BB) in
Bit D3 of Register 0x3005 to Register 0x3008.
Some applications require a reference to be in a nonfaulted
condition for a prescribed period before the reference can be
considered valid. To accommodate these applications, the
reference monitor includes a programmable validation timer.
When a reference transitions from a faulted state to a nonfaulted
state, it indicates a start event for the validation timer, which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com