Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 130 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 130 Page - Analog Devices

Back Button AD9545 Datasheet HTML 126Page - Analog Devices AD9545 Datasheet HTML 127Page - Analog Devices AD9545 Datasheet HTML 128Page - Analog Devices AD9545 Datasheet HTML 129Page - Analog Devices AD9545 Datasheet HTML 130Page - Analog Devices AD9545 Datasheet HTML 131Page - Analog Devices AD9545 Datasheet HTML 132Page - Analog Devices AD9545 Datasheet HTML 133Page - Analog Devices AD9545 Datasheet HTML 134Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 130 of 157
COMPENSATION METHOD 2
Compensation Method 2 employs the closed-loop method of
system clock compensation (see the Closed-Loop Method section).
As shown in Figure 101, Compensation Method 2 makes use of one
of the DPLLx channels (where x is 0 or 1). The user must specify
which DPLL via the DPLL channel error source bit in Bit D0 of
Register 0x0287. Logic 0 (default) selects DPLL0 and Logic 1 selects
DPLL1 as the source of CF2. CF2 embodies the factor, 1 + FFECOMP,
in Figure 98.
Compensation Method 2 generates the correction factor, CF2,
which the user can apply to other NCOs and TDCs within the
AD9545. However, a compensation factor, COMPx, can be applied
to the NCO of DPLLx in Figure 101. Because it is possible for the
COMPx factor to include CF2 (see the Integrated Compensation
Subsystem section for details), the user must ensure that the NCO
of the DPLL channel selected for Compensation Method 2 is not
itself a recipient of CF2 via COMPx.
XOA
XOB
SYSTEM
CLOCK
SOURCE
fSRC
AD9545
fS
FTW
STABLE
FREQUENCY
SOURCE
FTW
ANALYZER
DPLLx
fREF
fNCO
CF2
FROM
FEEDBACK
TDC
REFERENCE
DIVIDER
AND TDC
COMPx
DIGITAL
PFD AND
LOOP
FILTER
NCO
SYSTEM
CLOCK PLL
Figure 101. Compensation Method Number 2
COMPENSATION METHOD 3
Compensation Method 3 employs the closed-loop method of
system clock compensation (see the Closed-Loop Method
section). As shown in Figure 102, Compensation Method 3
produces compensation factor CF3, where CF3 embodies the
factor, 1 + FFECOMP, in Figure 98. Compensation Method 3 is
similar to Compensation Method 2, but uses the auxiliary DPLL
rather than one of the DPLL channels. Because Compensation
Method 3 relies on the availability of a stable external clock
source applied to one of the REFx inputs or one of the Mx pins,
the user must assign the TDC associated with the external clock
source to the auxiliary DPLL via the 5-bit auxiliary DPLL
source bit field in Bits[D4:D0] of Register 0x0284. Table 55
shows the assignment codes for the various TDCs.
The auxiliary DPLL can itself receive compensation from other
sources via COMPx in Figure 102 (see the Integrated
Compensation Subsystem section for details). Unlike
Compensation Method 2, the CF3 compensation factor does not
include the contribution of COMPx. That is, CF3 comprises only
the residual error to represent the frequency deviation
associated with the system clock source only.
Table 55. Auxiliary DPLL TDC Assignment Codes
Auxiliary DPLL Source Bit Field
5-Bit Code
TDC Description
00000
REFA TDC (default)
00001
REFAA TDC
00010
REFB TDC
00011
REFB TDC
00100
Unused
00101
Unused
00110
Auxiliary TDC 0
00111
Auxiliary TDC 1
01000 to 11111
Unused
Assuming the auxiliary DPLL is locked and has fully settled, the
period of the stable reference must exactly match the period
indicated by the contents of the appropriate REFx nominal
period (see Register 0x0404 to Register 0x040B, Register 0x0424
to Register 0x042B, Register 0x0444 to Register 0x044B,
Register 0x0464 to Register 0x046B) or Auxiliary x period bit
fields (see Register 0x2A01 to Register 0x2A08 and Register
0x2A0A to Register 0x2A11). Any deviation is an indication of
error associated with the system clock period and leads to a
corresponding CF3 value. There are two error sources: stability
error and accuracy error.
Stability error involves deviation from the mean value over time
(the mean corresponding to a specific operating condition like
25°C, for example). Consider what happens as temperature
varies over time. The frequency of the oscillator serving as the
source for the system clock varies in response to the
temperature changes. Given the prerequisite that the stable
reference is significantly more stable than the system clock
source, the dominant variations appearing in the feedback path
are those of the system clock. Because the system clock
variations are the dominant contributor to CF3, CF3 reflects the
corrections necessary to compensate for the temperature-
induced stability errors on the system clock.
Accuracy error is the difference between the desired nominal
frequency and the actual frequency. The desired nominal
frequency derives from the entry of the user in the REFx
nominal period or Auxiliary x period bit fields. The actual
frequency is fREF, the true frequency of the stable reference (see
Figure 102). The accuracy error is the difference between the
user entry and the actual nominal period of the stable reference.
Because CF3 is a composite of both the stability and accuracy
error sources, the reference period entry of the user via the
REFx nominal period or Auxiliary x period bit fields directly
effects the accuracy error component of CF3. Thus, accurate
entry of the stable reference clock period is crucial, because the
accuracy error propagates to any COMPx involving CF3 (see the
Integrated Compensation Subsystem section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com