Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 126 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 126 Page - Analog Devices

Back Button AD9545 Datasheet HTML 122Page - Analog Devices AD9545 Datasheet HTML 123Page - Analog Devices AD9545 Datasheet HTML 124Page - Analog Devices AD9545 Datasheet HTML 125Page - Analog Devices AD9545 Datasheet HTML 126Page - Analog Devices AD9545 Datasheet HTML 127Page - Analog Devices AD9545 Datasheet HTML 128Page - Analog Devices AD9545 Datasheet HTML 129Page - Analog Devices AD9545 Datasheet HTML 130Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 126 of 157
Note that the term, (1 + FFE) × (1 − FFE), simplifies to 1 −
FFE2. Given that FFE2 = FFECOMP × FFE, if both FFECOMP and
FFE are less than 1 ppm (10−6), a reasonable assumption, then
FFE2 is less than 10−12 (one part in a trillion). For FFE values
below 1 ppm, the value of FFE2 is exceedingly small. Under such
conditions, FFE2 is practically zero, and Equation 23 simplifies
to the following:
fNCO
= f0 × KPLL × FTW × KNCO
This expression for fNCO is the same as fNCO_IDEAL. Therefore, the
FFE associated with the system clock source is nullified by
applying the fractional correction term, FFECOMP.
The preceding example demonstrates the viability of
compensating for the system clock FFE. However, FFE
compensation is of little value without a means of predicting
FFE so that the appropriate correction can be applied. In this
regard, the open-loop method relies on two assumptions.
•
Temperature variation dominates the FFE of the system
clock source
•
The FFE vs. temperature (T) behavior of the system clock
source takes the form of an x-order polynomial
In the case of the AD9545, x = 5; therefore, the latter
assumptions is expressible as
FFESRC
= c5T5 + c4T4 + c3T3 + c2T2 + c1T1 + c0
(24)
where the coefficients, cx, define the shape of the FFESRC curve.
c0 constitutes a static offset, whereas the remaining coefficients
relate to powers of T. Note also, that any particular power of T
can be artificially eliminated by assigning its corresponding
coefficient to zero. For example, reduce the polynomial to
second order by making the c5, c4, and c3 coefficients in
Equation 24 equal to zero. The open-loop method assumes
advance knowledge of the cx values, which the user programs
into the appropriate AD9545 register map locations.
The overall concept of the open-loop method is to program the
AD9545 with the appropriate coefficients, cx, such that the
polynomial closely models the temperature dependent behavior
of the system clock source. The AD9545 has a builtin
compensation calculator to implement the FFE polynomial (see
the Compensation Method 1 section for more details). The
AD9545 provides the means to apply the correction factor
generated by the compensation calculator to the NCOs and
TDCs designated by the user.
Closed-Loop Method
The closed-loop method, unlike the open-loop method,
requires no advance knowledge of the FFE behavior of the
system clock source. Instead, it relies on a DPLL and the
availability of a very stable external frequency source (GPS, for
example) as a reference input to the DPLL (see Figure 98).
In operation, assuming the DPLL is locked and stable, the FTW
applied to the NCO is relatively constant. Especially under the
assumption that the frequency of the stable frequency source is
constant and the frequency of the system clock source is
constant. However, the frequency of the stable frequency source
is constant, by definition, a necessary condition of the closed-
loop method. As such, fNCO is constant because the feedback
loop of the DPLL ensures fNCO = N × fREF. Therefore, should fSRC
change (due to temperature, for example), the DPLL feedback
loop causes FTW to change in a manner that maintains a
constant fNCO. Because the FFE of the stable source is zero (it is
error free, presumably), then any FFE associated with fNCO must
be attributable to the FFE of the system clock source.
That is, the FFE of the system clock source translates
deterministically to a deviation of FTW (from its nominal
value, FTW0).
In the closed-loop method, FTW variations lead to a correction
factor, 1 + FFECOMP. The FTW analyzer shown in Figure 98 is an
integral component of the AD9545. Applying the correction
factor to other designated NCOs and TDCs in the AD9545 is
the basis of the closed-loop method.
FTW
OTHER NCO OR TDC
CORRECTED
FTW
1 + FFECOMP
XOA
XOB
fSRC
AD9545
SYSTEM
CLOCK PLL
fS
SYSTEM
CLOCK
SOURCE
DPLL
fREF
STABLE
FREQUENCY
SOURCE
FTW
ANALYZER
1 + FFECOMP
NCO
DIGITAL
PHASE
DETECTOR
DIGITAL
LOOP
FILTER
÷N
fNCO
Figure 98. Closed-Loop Method
The dynamic and automatic compensation capability of the
closed-loop method typically offers improved performance over
the open-loop method but requires the availability of a stable
frequency source. In general, the stable frequency source must
be at least 10 times more stable than the system clock source for
the closed-loop method to be viable.
The AD9545 employs two forms of the closed-loop method.
The first form uses one of the DPLL channels (DPLL0 or
DPLL1) as the DPLL shown in Figure 98. The second form uses
an independent special purpose DPLL (the auxiliary DPLL) as
the DPLL shown in Figure 98. The latter form allows the user to
implement closed-loop system clock compensation without
sacrificing one of the DPLL channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com