Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 122 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 122 Page - Analog Devices

Back Button AD9545 Datasheet HTML 118Page - Analog Devices AD9545 Datasheet HTML 119Page - Analog Devices AD9545 Datasheet HTML 120Page - Analog Devices AD9545 Datasheet HTML 121Page - Analog Devices AD9545 Datasheet HTML 122Page - Analog Devices AD9545 Datasheet HTML 123Page - Analog Devices AD9545 Datasheet HTML 124Page - Analog Devices AD9545 Datasheet HTML 125Page - Analog Devices AD9545 Datasheet HTML 126Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 122 of 157
For example, given fS = 2.4 GHz, S = 6, and E = 2, then
Pulse Width = (96/fS) × (1 + S × 2(E + 5))
= (96/(2.4 × 109)) × (1 + 6 × 2(2 + 5))
= (96/(2.4 × 109)) × (1 + 6 × 27)
= 30.76 µs
The user must ensure the programmed pulse width is less than
the fundamental period of the auxiliary NCO. For this example,
30.76 µs is the maximum allowable fundamental period.
Therefore, the corresponding fundamental frequency (fNCO_MAX)
must satisfy
fNCO_MAX
< 1/(Pulse Width)
< 1/(30.76 µs)
< 32.51 kHz
The key point is that the output frequency of the auxiliary NCO
and the pulse width of its physical output signal are independently
programmable parameters.
The user can route the output pulse signal to any one of the Mx
pins by defining the desired Mx pin as an output and selecting
the desired auxiliary NCO as the output source (see the Status
and Control Pins section). Although the user has the option of
generating pulses on tagged time stamps (see the Tagged
Auxiliary NCO Time Stamps section), the maximum pulse
duration is the fundamental period of the auxiliary NCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com