Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 119 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 119 Page - Analog Devices

Back Button AD9545 Datasheet HTML 115Page - Analog Devices AD9545 Datasheet HTML 116Page - Analog Devices AD9545 Datasheet HTML 117Page - Analog Devices AD9545 Datasheet HTML 118Page - Analog Devices AD9545 Datasheet HTML 119Page - Analog Devices AD9545 Datasheet HTML 120Page - Analog Devices AD9545 Datasheet HTML 121Page - Analog Devices AD9545 Datasheet HTML 122Page - Analog Devices AD9545 Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 119 of 157
AUXILIARY NCOS
AUXILIARY NCO OVERVIEW
The AD9545 has two auxiliary NCOs. The NCOs generate time
stamps and/or physical output signals based on a very precise
programmable frequency specified by the user. The NCOs have
frequency tuning resolution of 2−40 Hz, or approximately 1 pHz.
Figure 93 shows a block diagram of the NCOs. The auxiliary NCOs
also provide elapsed time information to the user time stamp
processors (see the User Access to Time Stamps section).
AUXILIARY NCO FREQUENCY
The user programs the output frequency of the auxiliary NCOs
by assigning a center frequency and an offset frequency.
The center frequency assignment is via the auxiliary NCO x center
frequency bit fields (where x is 0 or 1) in Register 0x2800 to
Register 0x2806 and Register 0x2840 to Register 0x2846. The
center frequency is a 56-bit unsigned integer carrying units of
2−40 Hz. The offset frequency assignment is via the auxiliary NCO x
offset frequency bit fields (where x is 0 or 1) in Register 0x2807 to
Register 0x280A and Register 0x2847 to Register 0x284A. The
offset frequency is a 32-bit unsigned integer carrying units of
2−24 Hz.
Figure 94 details the relationship between the center and offset
frequencies. The center frequency has an upper limit of
approximate 65 kHz, and the offset frequency has an upper limit of
approximately 256 Hz.
AUXILIARY
NCO 0
56
32
56
32
TEXT
= BIT(S) IN THE REGISTER MAP
CLOCK SOURCE
(DERIVED FROM SYSTEM CLOCK)
AUXILIARY
NCO 1
Mx PIN
SWITCH
MATRIX
PULSE
PULSE
TO USER
TIME STAMP
PROCESSORS
TO DIGITAL
CROSS POINT
MUX
TIME
STAMPS
TIME
STAMPS
ELAPSED
TIME
ELAPSED
TIME
AUXILIARY NCO 0
CENTER FREQUENCY
AUXILIARY NCO 0
OFFSET FREQUENCY
AUXILIARY NCO 0
TIME CLOCK
AUXILIARY NCO 1
TIME CLOCK
AUXILIARY NCO 1
CENTER FREQUENCY
AUXILIARY NCO 1
OFFSET FREQUENCY
M0
M1
M2
M3
M4
M5
M6
Figure 93. Auxiliary NCO Block Diagram
CENTER
0
55
40
39
OFFSET
0
31
24
23
2–24 Hz
2–40 Hz
...
...
...
...
FRACTIONAL Hz
INTEGER Hz
OUTPUT = CENTER + OFFSET
56-BIT CENTER FREQUENCY
32-BIT OFFSET FREQUENCY
DECIMAL
POINT
Figure 94. Auxiliary NCO Frequency Tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com