Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 115 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 115 Page - Analog Devices

Back Button AD9545 Datasheet HTML 111Page - Analog Devices AD9545 Datasheet HTML 112Page - Analog Devices AD9545 Datasheet HTML 113Page - Analog Devices AD9545 Datasheet HTML 114Page - Analog Devices AD9545 Datasheet HTML 115Page - Analog Devices AD9545 Datasheet HTML 116Page - Analog Devices AD9545 Datasheet HTML 117Page - Analog Devices AD9545 Datasheet HTML 118Page - Analog Devices AD9545 Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 115 of 157
TIMING SKEW MEASUREMENTS USING TWO TDCS
REFERENCE
TDCS
TIME STAMP SOURCES
PING-PONG
TDC
DIGITAL
CROSS
POINT MUX
SKEW
REFERENCE
SOURCE
TIME
STAMPS
TIME
STAMPS
TIME
STAMPS
TIME
STAMPS
62
FEEDBACK
TDCS
AUXILIARY
NCOS
TIME
STAMPS
AUXILIARY
TDCS
SKEW
MEASUREMENT
PROCESSOR
SKEW
MEASUREMENT
SOURCE
62
4
TEXT
= BIT(S) IN THE REGISTER MAP
SELECT SKEW
REFERFENCE
SELECT SKEW
MEASURE
CLOCK SOURCE
(DERIVED FROM SYSTEM CLOCK)
SKEW WINDOW SIZE
SKEW OFFSET
SKEW OFFSET FULL WINDOW
SKEW DRIFT
SKEW DRIFT FULL WINDOW
SKEW LIMIT EXCEEDED
Figure 90. Skew Measurement Block Diagram
The user time stamp processor (see the User Access to Time
Stamps section) allows the user to read time stamps originating
from various time stamp sources. The time stamps indicate
when the rising edge of a signal source occurs. Sometimes,
however, it is desirable to know the relative phase offset
between the rising edges of two different signal sources rather
than the corresponding event times of those edges. To this end,
the AD9545 provides the ability to measure and report the time
difference (timing skew) between two TDCs, which relates
directly to phase offset.
Time skew (phase offset) only has meaning when two clock
signals operate at the same frequency. Otherwise, the phase
offset is not constant but drifts over time. Figure 90 shows a
block diagram of the skew measurement processor.
Time skew measurements involve a reference TDC and a
measurement TDC. The user assigns the reference TDC time
stamp source via the 5-bit select skew reference bit field in
Bits[D4:D0] of Register 0x2A15 and the measurement TDC
time stamp source via the 5-bit select skew measure bit field in
Bits[D4:D0] of Register 0x2A16.
Unlike the Event x time readings (see the User Access to Time
Stamps section), which are individual measurements, the offset
and skew measurements from the skew measurement processor
constitute an averaged group of sequential measurements. The
user selects the number, N, of samples averaged per
measurement via the 4-bit skew window size bit field in
Bits[D3:D0] of Register 0x2A14 according to Table 52.
The selected skew window size bit field value sets the number of
averaging samples for both skew offset and skew drift
measurements. However, a particular selection can yield a
different number of averaging samples for offset measurements
vs. drift measurements, as shown in Table 52.
Table 52. Skew Measurement Window Settings
Skew Measurement
Window Value
Skew Offset of N
Skew Drift of N
0
2
2
1
4
4
2
8
8
3
16
16
4
32
16
5
64
16
6
128
16
7
256
16
8
512
16
9
1024
16
10
2048
16
11
4096
16
12
8192
16
13
16384
16
14
32768
16
15
65536
16
The skew offset and drift measurements constitute a low-pass
filtered sequence of N samples. That is, the skew measurement
processor smooths out (that is, averages) the measurement
variation over N samples. After an N sample average is
established, subsequent measurements include the next sample
and the preceding N − 1 samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com