Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 104 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 104 Page - Analog Devices

Back Button AD9545 Datasheet HTML 100Page - Analog Devices AD9545 Datasheet HTML 101Page - Analog Devices AD9545 Datasheet HTML 102Page - Analog Devices AD9545 Datasheet HTML 103Page - Analog Devices AD9545 Datasheet HTML 104Page - Analog Devices AD9545 Datasheet HTML 105Page - Analog Devices AD9545 Datasheet HTML 106Page - Analog Devices AD9545 Datasheet HTML 107Page - Analog Devices AD9545 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 104 of 157
NO
DPLLx FORCE
FREERUN = 1?
YES
NO
DPLLx FORCE
HOLDOVER = 1?
YES
DPLLx USES
DPLLx FREERUN
TUNING WORD
HOLDOVER
DPLL MODE
SELECTION
NO
DPLLx
TRANSLATION
PROFILE SELECT
MODE = 0?
YES
PRIORITY
SELECTION?
NO
YES
AUTOMATIC,
PRIORITY-BASED
TRANSLATION
PROFILE SELECTION
SELECT TRANSLATION
PROFILE x.y PER DPLLx
ASSIGN TRANSLATION PROFILE
NO
NO
YES
MANUAL ONLY
TRANSLATION
PROFILE SELECTION1
TRANSLATION
PROFILE
x.y VALID?
NO
YES
DPLLx USES
TRANSLATION
PROFILE x.y
NO
YES
MANUAL TRANSLATION
PROFILE SELECTION
WITH FALLBACK TO
PRIORITY-BASED
TRANSLATION PROFILE
SELECTION
MANUAL
TRANSLATION
PROFILE SELECTION
WITH FALLBACK TO
HOLDOVER
DPLLx USES
PRIORITY SELECTED
TRANSLATION PROFILE
DPLLx
TRANSLATION
PROFILE SELECT
MODE = 3?
DPLLx
TRANSLATION
PROFILE SELECT
MODE = 2?
x = CHANNEL, y = PROFILE
1FOR DEBUG ONLY. THE DPLL USES TRANSLATION PROFILE y WITHOUT VALIDATING THE
SOURCE. THEREFORE, THE DPLL IS NOT GUARANTEED TO FUNCTION NORMALLY.
CONTACT ANALOG DEVICES FOR FOR DETAILS.
NOTES
1. ITALICS INDICATE A REGISTER MAP BITFIELD.
DPLLx
TRANSLATION
PROFILE SELECT
MODE = 1?
Figure 83. DPLL Mode Selection Flowchart
FORCED FREERUN MODE
Although the automatic reference switching capability of the
AD9545 can cause the DPLL to switch to freerun mode, the
user can force freerun mode. In freerun mode, the DPLL
operates open loop and produces a static output frequency as
dictated by the DPLLx freerun tuning word bit field (where x is
0 or 1). Refer to the Freerun Tuning Word section for details.
FORCED HOLDOVER MODE
Although the automatic reference switching capability of the
AD9545 can cause the DPLL to switch to holdover mode, the
user can force holdover mode by writing Logic 1 to the DPLLx
force holdover bit (where x is 0 or 1) in Bit D1 of Register
0x2105 and Register 0x2205. In holdover mode, like freerun
mode, the DPLL operates open loop and produces a static
output frequency. However, the DPLL uses one of three static
tuning words dictated by the tuning word history processor (see
the Tuning Word History section). A summary of the holdover
tuning word selection appears in Figure 84.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com