Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 117 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 117 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 113Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 114Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 115Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 116Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 117Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 118Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 119Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 120Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 121Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 129 page
background image
Low Battery Detect (LBD) - Low Voltage Reset
112
PRELIMINARY V1.8
TABLE 77.
Definition of LBDCR
Read/Write
by Software
R/W
R/W
R/
W
R/
W
R/W
R/W
R/W
R/W
Write
by Hardware
Name
Bit
Description
TST
7
Test Mode Enable
[Bit Status: 0 (Initial Value)]
This status corresponds to normal operation.
[Bit Status: 1]
This status corresponds to test mode. In the test mode the comparator
output is written to bit 6 of this control register while the interrupt and
reset outputs of the LBD are disabled.
CMP_OUT
6
Test Mode Comparator Output
When in test mode, bit 7 set, this register will reflect the output
of the comparator.
5 to 3
Reserved bit
AN_ENB
3
Analog input enable
[Bit Status: 0 (Initial Value)]
This status is to set the i/o for the SS1102C. The default is to make it
analog input and disable the digital input to the port.
[Bit Status: 1]
This status is to enable the digital input for the i/o port.
LVS[1:0]
2 to 1
Voltage Level select bits
[Bit Status: 00 (Initial Value)]
This status corresponds to a low battery detect voltage of 2.9V, level 4.
[Bit Status: 01]
This status corresponds to a low battery detect voltage of 2.8V, level 3.
[Bit Status: 10]
This status corresponds to a low battery detect voltage of 2.7V, level 2.
[Bit Status: 11]
This status corresponds to the low voltage reset detect of 2.6V, level 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com