Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 5 Page - Silicon Laboratories

  CP2201 Datasheet HTML 1Page - Silicon Laboratories CP2201 Datasheet HTML 2Page - Silicon Laboratories CP2201 Datasheet HTML 3Page - Silicon Laboratories CP2201 Datasheet HTML 4Page - Silicon Laboratories CP2201 Datasheet HTML 5Page - Silicon Laboratories CP2201 Datasheet HTML 6Page - Silicon Laboratories CP2201 Datasheet HTML 7Page - Silicon Laboratories CP2201 Datasheet HTML 8Page - Silicon Laboratories CP2201 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
CP2200/1
Rev. 1.0
5
1. System Overview
The CP2200/1 is a single-chip Ethernet controller containing an integrated IEEE 802.3 Ethernet Media Access
Controller (MAC), 10BASE-T Physical Layer (PHY), and 8 kB Non-Volatile Flash Memory available in a compact
5 x 5 mm QFN-28 package (sometimes called “MLF” or “MLP”) and a 48-pin TQFP package. The CP2200/1 can
add Ethernet connectivity to any microcontroller or host processor with 11 or more Port I/O pins. The 8-bit parallel
interface bus supports both Intel and Motorola bus formats in multiplexed and non-multiplexed mode. The data
transfer rate in non-multiplexed mode can exceed 30 Mbps.
The on-chip Flash memory may be used to store user constants, web server content, or as general purpose non-
volatile memory. The Flash is factory preprogrammed with a unique 48-bit MAC address stored in the last six
memory locations. Having a unique MAC address stored in the CP2200/1 often removes the serialization step from
the product manufacturing process of most embedded systems.
The CP2200/1 has four power modes with varying levels of functionality that allow the host processor to manage
the overall system power consumption. The optional interrupt pin also allows the host to enter a “sleep” mode and
awaken when a packet is received or when the CP2200/1 is plugged into a network. Auto-negotiation allows the
device to automatically detect the most efficient duplex mode (half/full duplex) supported by the network.
The Ethernet Development Kit (Ethernet-DK) bundles a C8051F120 MCU Target Board, CP2200 Ethernet
Development Board (AB4), the Silicon Laboratories IDE, all necessary debug hardware, and a TCP/IP
Configuration Wizard. The Ethernet Development Kit includes all hardware, software, and examples necessary to
design an embedded system using the CP2200. The CP2200 Ethernet Development Board is also compatible with
the C8051F020TB and C8051F340TB. Individual target boards may be purchased online by visiting
www.silabs.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com