Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 66 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 66 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 62Page - Silicon Laboratories CP2201 Datasheet HTML 63Page - Silicon Laboratories CP2201 Datasheet HTML 64Page - Silicon Laboratories CP2201 Datasheet HTML 65Page - Silicon Laboratories CP2201 Datasheet HTML 66Page - Silicon Laboratories CP2201 Datasheet HTML 67Page - Silicon Laboratories CP2201 Datasheet HTML 68Page - Silicon Laboratories CP2201 Datasheet HTML 69Page - Silicon Laboratories CP2201 Datasheet HTML 70Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
CP2200/1
66
Rev. 1.0
12.6. Advanced Receive Buffer Operation
Receive buffer operation is automatically handled by hardware and does not require any assistance from the host
processor. Note: The information in this section is provided for reference purposes only and will typically
not be used except when debugging a problem and additional control over the receive buffer is required.
Figure 18 shows a detailed block diagram of the receive buffer. As packets arrive and pass through the receive
filter, they are added to the circular receive buffer at the address pointed to by the tail pointer. The FIFO tail pointer
is incremented after each byte is received. As soon as a new packet arrives, the receive buffer controller searches
for an unused TLB slot to store data about the received packet. If an unused TLB slot is found, it is claimed and
assigned to the packet currently being received by setting the slot’s valid bit to ‘1’. A Packet Received interrupt will
be generated after the entire packet is copied to the buffer. If all 8 slots are full (valid bits for all slots are set to ‘1’),
then the packet will be dropped and a Receive FIFO Full interrupt will be generated.
Each TLB slot holds information about its assigned packet such as starting address in the buffer, length, and
information about the packet such as the type (broadcast, multicast, unicast) and any errors that occurred during
reception (CRC error, incomplete packet, etc.). The receive buffer controller rotates through the TLB slots in a
circular fashion. For debugging purposes, the host processor may access any TLB slot using the TLB registers
listed in Table 17.
Figure 18. Receive Buffer Block Diagram
The oldest packet received starts at the address pointed to by the FIFO head pointer. This packet (packet #1 in
Figure 18) will be referred to as the current packet. The FIFO head pointer is used by the AutoRead interface to
read data from the current packet. As data is read using the AutoRead interface, the FIFO head pointer is
incremented until the entire packet is read out. Once the packet is read out, the host processor must clear the valid
bit of the packet by writing a ‘1’ to RXCLRV (RXCN.2). If the host processor chooses not to read the entire packet,
the valid bit should be cleared (and unread data skipped) by writing a ‘1’ to RXSKIP (RXCN.1).
A copy of the TLB slot associated with the current packet is always available by reading the CTLB registers listed in
Table 16. The same information can be obtained by reading CPTLB to determine the current TLB slot, then directly
accessing the slot using the registers in Table 17.
0
1
1
1
0
0
0
0
FIFO Head Pointer
FIFO Tail Pointer
Packet #1
Packet #2
Packet #3
4 KB
Receive
Buffer
TLB0
TLB1
TLB2
TLB3
TLB4
TLB5
TLB6
TLB7
Translation Look-aside Buffer
(8-entry circular or random access)
Current packet address,
length, and information.
Valid Bit
CPINFO/
CPLEN/
CPADDR
Copy of
Current TLB
CPTLB
Current TLB
Entry Number
(e.g. 0 for TLB0)
RXAUTORD
Autoread interface automatically manages read pointers. TLB Entries are typically not
accessed by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com