Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 85 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 85 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 81Page - Silicon Laboratories CP2201 Datasheet HTML 82Page - Silicon Laboratories CP2201 Datasheet HTML 83Page - Silicon Laboratories CP2201 Datasheet HTML 84Page - Silicon Laboratories CP2201 Datasheet HTML 85Page - Silicon Laboratories CP2201 Datasheet HTML 86Page - Silicon Laboratories CP2201 Datasheet HTML 87Page - Silicon Laboratories CP2201 Datasheet HTML 88Page - Silicon Laboratories CP2201 Datasheet HTML 89Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
CP2200/1
Rev. 1.0
85
Indirect Register 5. CWMAXR: Collision Window and Maximum Retransmit Register
Indirect Register 6. MAXLEN: Maximum Frame Length Register
Note: This register does not require initialization and will be left at its reset value by most systems.
Bits 15–14:Reserved. Read = 00b; Must write 00b.
Bits 13–8:CW: Collision Window
Sets the collision window in which collisions occur in a properly configured network.
The collision window is specified in the number of bytes from the start of transmission. The pream-
ble and frame delimiter are included in the byte count. Its default of 0x37 corresponds to the count
of frame bytes at the end of the window.
Bits 7–4: Reserved. Read = 0000b; Must write 0000b.
Bits 3–0: MAXR: Maximum Retransmit Attempts
Sets the maximum number of retransmit attempts following a collision before aborting the packet
due to excessive collisions. IEEE 802.3 specifies a maximum value of 0x0F (15d).
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
Reserved
CW
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
Reserved
MAXR
0x370F
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MACADDR:
0x04
Note: This register does not require initialization and will be left at its reset value will be set to 1518 (0x05EE)
by most systems.
Bits 15–0:MAXF: Maximum Frame Length
Specifies the maximum length of a receive frame. The default value is 0x600 (1536 octets). This
register should be programmed if a shorter maximum length restriction is desired. Examples of
shorter frame lengths are untagged (1518 octets) and tagged (1522 octets). If a proprietary header
is allowed, this field should be adjusted accordingly.
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
0x0600
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MACADDR:
0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com