Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 96 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 96 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 92Page - Silicon Laboratories CP2201 Datasheet HTML 93Page - Silicon Laboratories CP2201 Datasheet HTML 94Page - Silicon Laboratories CP2201 Datasheet HTML 95Page - Silicon Laboratories CP2201 Datasheet HTML 96Page - Silicon Laboratories CP2201 Datasheet HTML 97Page - Silicon Laboratories CP2201 Datasheet HTML 98Page - Silicon Laboratories CP2201 Datasheet HTML 99Page - Silicon Laboratories CP2201 Datasheet HTML 100Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
CP2200/1
96
Rev. 1.0
16. Parallel Interface
The CP2200/1 has an 8-bit parallel host interface used to access the direct registers on the device. The parallel
interface supports multiplexed or non-multiplexed operation using the Intel® or Motorola® bus format. The MUXEN
pin can be driven high to place the device in multiplexed operation or driven low to select non-multiplexed
operation. The MOTEN pin can be driven high to place the device in Motorola bus format or driven low to place the
device in Intel bus format.
Notes:
1. The CP2201 (28-pin package) can only be used in multiplexed mode.
2. The PCB traces connecting RD, WR, CS, ALE, and all address and data lines should be matched such that the
propagation delay does not vary by more than 5ns between any two signals.
A parallel interface read or write operation typically requires 260 ns (non-multiplexed) or 300 ns (multiplexed) to
transfer one byte of data. If back-to-back operations are scheduled on a non-multiplexed bus, data rates up to
30 Mbps can be achieved. Tables 26 through 29 provide detailed information about bus timing in each mode.
16.1. Non-Multiplexed Intel Format
Figure 22. Nonmuxed Intel READ
Valid Address
T
VD2
T
HOLD
T
VD1
T
AS
A[7:0]
D[7:0]
RD
Valid Data
T
RD
T
AHR
Notes:
1. CS must be asserted with or before RD.
2. WR must remain de-asserted during a READ.
Valid Address
T
DH
T
HOLD
T
WR
T
AS
A[7:0]
D[7:0]
WR
Valid Data
T
AHW
T
DS
Notes:
1. CS must be asserted with or before WR.
2. RD must remain de-asserted during a WRITE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com