Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 50 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 50 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 46Page - Silicon Laboratories CP2201 Datasheet HTML 47Page - Silicon Laboratories CP2201 Datasheet HTML 48Page - Silicon Laboratories CP2201 Datasheet HTML 49Page - Silicon Laboratories CP2201 Datasheet HTML 50Page - Silicon Laboratories CP2201 Datasheet HTML 51Page - Silicon Laboratories CP2201 Datasheet HTML 52Page - Silicon Laboratories CP2201 Datasheet HTML 53Page - Silicon Laboratories CP2201 Datasheet HTML 54Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
CP2200/1
50
Rev. 1.0
Table 15. Transmit Status Vector Description
Bit
Field Name
Description
51
Transmitted VLAN Frame
Last frame transmitted had length/type field of 0x8100 (VLAN
protocol Identifier).
50
Back Pressure Applied
Back pressure was applied during transmission.
49
Transmitted PAUSE Frame
Last frame transmitted was a valid PAUSE control frame.
48
Transmitted Control Frame
Last frame transmitted was a control frame.
47-32
Total Bytes Transmitted
Number of bytes transmitted on wire including all bytes from
collided attempts.
31
Transmit Under-Run
Last packet was aborted due to a data under-run condition.
30
Jumbo Packet Detected
Last packet was aborted due to the detection of a Jumbo
packet (oversized frame). Jumbo packets are not supported.
29
Late Collision Detected
Last packet was aborted due to a collision occurring after the
51.2 µs collision window.
28
Excessive Collisions Detected
Last packet was aborted due to detection of 16 or more colli-
sions.
27
Excessive Delay Detected
Aborted due to a delay longer than 2.42ms.
26
Delay Detected
Last packet was transmitted, but had delay (less than 2.42
ms).
25
Transmitted Broadcast Packet
Last packet transmitted had a broadcast destination address.
24
Transmitted Multicast Packet
Last packet transmitted had a multicast destination address.
23
Transmit Successful
Last packet was successfully transmitted.
22
Type Field Detected
Last packet’s length/type field had a value greater than 1500.
21
Length Check Error
Last packet’s length/type field had a value less than or equal
to 1500 which did not match the actual frame length.
20
CRC Error
Last packet’s CRC field did not match the internally generated
CRC.
19-16
Transmit Collision Count
Number of collisions encountered during transmission of the
last packet.
15-0
Transmit Byte Count
Number of bytes in last frame not counting collided bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com